Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74GTL2014L-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74GTL2014L-P14-R
Description  4-CHANNEL LVTTL TO GTL TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74GTL2014L-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74GTL2014L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 5Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 6Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 7Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 8Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
U74GTL2014
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-D278.A
ABSOLUTE MAXIMUM RATINGS (TA=-40~+85°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 4.6
V
Input Voltage
VIN
A port
-0.5 ~ 7.0
V
B port
-0.5 ~ 4.6
V
Output Voltage
VOUT
A port
-0.5 ~ 7.0
V
B port
-0.5 ~ 4.6
V
Input Control Voltages SEL
(Note 2)
VSEL
-0.5 ~ 6.0
V
Input Clamp Current
IIK
VIN <0V
-50
mA
Output Clamp Current
IOK
VOUT <0V
-50
mA
Current Into Any Output In The
Low State
IOL
A port
40
mA
B port
80
mA
Current Into Any Output In The
High State
IOH
-40
mA
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. VI and VO are used to denote specific conditions for VI/O.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
3.0
3.3
3.6
V
Input Voltage
A port
VIN
0
3.3
5.5 (Note 2)
V
B port
0
VTT
3.6
V
Termination Voltage
GTL-
VTT
0.85
0.9
0.95
V
GTL
1.14
1.2
1.26
V
GTL+
1.35
1.5
1.65
V
Reference Voltage
Overall
VREF
0.5
2 / 3 VTT
VCC / 2
V
GTL-
0.5
0.6
0.63
V
GTL
0.76
0.8
0.84
V
GTL+
0.87
1.0
1.1
V
Operating Temperature
TA
-40
+85
°C
Notes: 1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
2. The VI(Max.) of LVTTL port is 3.6V if configured as output (DIR=L).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com