Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74GTL2014L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74GTL2014L-P14-R
Description  4-CHANNEL LVTTL TO GTL TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74GTL2014L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74GTL2014L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 5Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 6Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 7Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 8Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74GTL2014
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2024 Unisonic Technologies Co., Ltd
QW-R502-D278.A
4-CHANNEL LVTTL TO GTL
TRANSCEIVER
DESCRIPTION
The U74GTL2014 is a 4-channel translator to interface between
3.3-V LVTTL chip set I/O and Xeon processor GTL– / GTL / GTL+ I/O.
FEATURES
* Operates as a GTL– / GTL / GTL+ to LVTTL or LVTTL to GTL– / GTL
/ GTL+ Translator
* The LVTTL Inputs are Tolerant up to 5.5V Allowing Direct Access
to TTL or 5V CMOS
* The GTL Input/Output Operate up to 3.6V, Allowing the Device to
be Used in High Voltage Open-Drain Applications
* VREF Goes Down to 0.5V for Low Voltage CPU Usage
* Partial Power-Down Permitted
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74GTL2014L-P14-R
U74GTL2014G-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74GTL2014L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC00 UTC-U74AC00 Datasheet
160Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AC00G-P14-R UTC-U74AC00G-P14-R Datasheet
194Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AC00G-S14-R UTC-U74AC00G-S14-R Datasheet
194Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AC00 UTC-U74AC00_15 Datasheet
194Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AC04 UTC-U74AC04 Datasheet
162Kb / 6P
HEX INVERTERS
More results

Similar Description - U74GTL2014L-P14-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2014 PHILIPS-GTL2014 Datasheet
85Kb / 15P
4-bit LVTTL to GTL transceiver
Rev. 01-19 May 2005
logo
Texas Instruments
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
logo
Pericom Semiconductor C...
PI4GTL2014 PERICOM-PI4GTL2014 Datasheet
376Kb / 10P
4-bit LVTTL to GTL transceiver
logo
Texas Instruments
SN74GTL2014 TI1-SN74GTL2014 Datasheet
891Kb / 20P
4-Channel LVTTL to GTL Transceiver
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Nuvoton Technology Corp...
NCT5914W NUVOTON-NCT5914W Datasheet
344Kb / 13P
4-bit LVTTL to GTL transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com