Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74GTL2014L-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74GTL2014L-P14-R
Description  4-CHANNEL LVTTL TO GTL TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74GTL2014L-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74GTL2014L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 5Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 6Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 7Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 8Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
U74GTL2014
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-D278.A
ELECTRICAL CHARACTERISTICS (TA=-40°C~+85°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level Input
Voltage
A port
VIH
2
V
B port
VREF+
50mV
V
Low-Lever Output
Voltage
A port
VIL
0.8
V
B port
VREF-
50mV
V
High-Level Input
Current
A port
IOH
-20
mA
Low-Level Input
Current
A port
IOL
20
mA
B port
50
mA
High-Level Output
Voltage
A port
VOH
VCC=3~3.6V, IOH=-100μA
VCC
-0.2
V
VCC=3V, IOH=-16mA
2
V
Low-Level Output
Voltage
A port
VOL
VCC=3V, IOH=8mA
0.28
0.4
V
VCC=3V, IOH=16mA
0.55
0.8
V
B port
VCC=3V, IOH=40mA
0.23
0.4
V
Input Leakage Current
A port
II(LEAK)
VCC=3.6V, VIN=VCC
±1
μA
VCC=3.6V, VIN=0V
±1
μA
VCC=3.6V, VIN=5.5V
5
μA
B port
VCC=3.6V, VIN=VTT or GND
±1
μA
Control Pin
VCC=3.6V, VIN=VCC or 0V
±1
μA
OFF-state output
current
A port
IOFF
VCC=0V, VIO=0~3.6V
±10
μA
VCC=0V, VIO=3.6~5.5V
±100
μA
B port
VCC=0V, VIO=0~3.6V
±10
μA
Quiescent Supply
Current
A port
ICC
VCC=3.6V, VIN=VCC or GND, IOUT=0
3
10
mA
B port
VCC=3.6V, VIN=VTT or GND, IOUT=0
3
10
mA
Additional Quiescent Supply
Current Per Input Pin
ΔICC
VCC=3.6V, VIN= VCC-0.6V
500
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com