Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74GTL2014L-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74GTL2014L-P14-R
Description  4-CHANNEL LVTTL TO GTL TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74GTL2014L-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74GTL2014L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 5Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 6Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 7Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 8Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
U74GTL2014
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-D278.A
DYNAMIC CHARACTERISTICS
(VCC=1.65 to 4.6V, GND=0V for GTL TA=-40~+85°С, TA=-40°C~+85°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Low to High
Propagation Delay
From Input (An) to
Output (Bn)
GTL-
tPLH
VCC=3.3V±0.3V
VREF=0.6V, VTT=0.9V
5
7
ns
GTL
VCC=3.3V±0.3V
VREF=0.8V, VTT=1.2V
5
7
ns
GTL+
VCC=3.3V±0.3V
VREF=1.0V, VTT=1.5V
5
7
ns
High to Low
Propagation Delay
From Input (An) to
Output (Bn)
GTL-
tPHL
VCC=3.3V±0.3V
VREF=0.6V, VTT=0.9V
5.9
7.9
ns
GTL
VCC=3.3V±0.3V
VREF=0.8V, VTT=1.2V
6
8
ns
GTL+
VCC=3.3V±0.3V
VREF=1.0V, VTT=1.5V
6
8
ns
Low to High
Propagation Delay
From Input (Bn) to
Output (An)
GTL-
tPLH
VCC=3.3V±0.3V
VREF=0.6V, VTT=0.9V
8.3
10
ns
GTL
VCC=3.3V±0.3V
VREF=0.8V, VTT=1.2V
8.2
10
ns
GTL+
VCC=3.3V±0.3V
VREF=1.0V, VTT=1.5V
8.1
10
ns
High to Low
Propagation Delay
From Input (Bn) to
Output (An)
GTL-
tPHL
VCC=3.3V±0.3V
VREF=0.6V, VTT=0.9V
9.2
11
ns
GTL
VCC=3.3V±0.3V
VREF=0.8V, VTT=1.2V
8.9
10.5
ns
GTL+
VCC=3.3V±0.3V
VREF=1.0V, VTT=1.5V
8.7
10.5
ns
OPERATING CHARACTERISTIC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Capacitance
CIN
VIN=3V or 0V
2.5
3.0
pF
Output Capacitance
A port
CIO
VOUT=3V or 0V
7.5
9.5
pF
B port
VOUT=VTT or 0V
5.5
6.0
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com