Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G332L-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G332L-AG6-R
Description  SINGLE 3-INPUT POSITIVE-OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G332L-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G332L-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74LVC1G332
Preliminary
CMOS IC
UNISONIC TECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-D74.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
Output Voltage
VOUT
Output in the high or low state
-0.5 ~ VCC +0.5
V
Output in the power-off state
-0.5 ~ +6.5
V
Continuous VCC or GND
Current
ICC
±100
mA
Continuous Output Current
IOUT
±50
mA
Input Clamp Current
IIK
VIN<0V
-50
mA
Output Clamp Current
IOK
VOUT<0V
-50
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
Data retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall
Rate
Δt/Δv
VCC=1.8V±0.15V, 2.5V±0.2V
20
ns/V
VCC=3.3V±0.3V
10
ns/V
VCC=5V±0.5V
10
ns/V
Operating Temperature
TA
-40
+125
°C
ELECTRICAL CHARACTERISTICS (Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°C
TA=-40°C~+125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
High-level Input
Voltage
VIH
VCC=1.8±0.15V
0.65×
VCC
0.65×
VCC
V
VCC=2.5±0.2V
1.7
1.7
V
VCC=3.3±0.3V
2
2
V
VCC=5±0.5V
0.7×
VCC
0.7×
VCC
V
Low-level Input
Voltage
VIL
VCC=1.8±0.15V
0.35×
VCC
0.35×
VCC
V
VCC=2.5±0.2V
0.7
0.7
V
VCC=3.3±0.3V
0.8
0.8
V
VCC=5±0.5V
0.3×
VCC
0.3×
VCC
V
High-Level Output
Voltage
VOH
VCC=1.65 ~ 5.5V, IOH=-100μA
VCC-
0.1
VCC-
0.1
V
VCC=1.65V, IOH=-4mA
1.2
0.95
V
VCC=2.3V, IOH=-8mA
1.9
1.7
V
VCC=3.0V, IOH=-16mA
2.4
2.2
V
VCC=3.0V, IOH=-24mA
2.3
2.0
V
VCC=4.5V, IOH=-32mA
3.8
3.4
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com