Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G332L-AG6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC1G332L-AG6-R
Description  SINGLE 3-INPUT POSITIVE-OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G332L-AG6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC1G332L-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74LVC1G332
Preliminary
CMOS IC
UNISONIC TECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-D74.a
TEST CIRCUIT AND WAVEFORMS
Note: CL includes probe and jig capacitance.
VCC
Inputs
VM
VLOAD
CL
RL
V△
VIN
tR / tF
1.8V±0.15V
VCC
≤2ns
VCC/2
2×VCC
15pF
1MΩ
0.15V
2.5V±0.2V
VCC
≤2ns
VCC/2
2×VCC
15pF
1MΩ
0.15V
3.3V±0.3V
3V
≤2.5ns
1.5V
6V
15pF
1MΩ
0.3V
5V±0.5V
VCC
≤2.5ns
VCC/2
2×VCC
15pF
1MΩ
0.3V
Timing
Input
VM
VIN
0V
VIN
0V
VM
VM
Data
Input
SETUP TIME AND HOLD TIME
VM
VM
VM
VM
VIN
0V
VOH
VOL
PROPAGATION DELAY TIMES
VM
VM
VIN
0V
VM
VOL+VΔ
VM
VOH-VΔ
0V
VOH
VLOAD/2
VOL
ENABLE AND DISABLE TIMES
Input
Output
Output
Output
Input
tPLH
tPHL
tSU
th
tPZL
tPLZ
tPZH
tPHZ
tPLH
tPHL
VOH
VOL
Output
VM
VM
VIN
0V
VM
VM
PULSE WIDTH
Input
tW
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤10MHz, ZO = 50Ω.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com