Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G332L-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G332L-AG6-R
Description  SINGLE 3-INPUT POSITIVE-OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G332L-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G332L-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC1G332
Preliminary
CMOS IC
UNISONIC TECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-D74.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°C
TA=-40°C~+125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Low-Level Output
Voltage
VOL
VCC=1.65 ~ 5.5V, IOL=100μA
0.1
0.1
V
VCC=1.65V, IOL=4mA
0.45
0.7
V
VCC=2.3V, IOL=8mA
0.3
0.45
V
VCC=3.0V, IOH=16mA
0.4
0.6
V
VCC=3.0V, IOH=24mA
0.55
0.8
V
VCC=4.5V, IOL=32mA
0.55
0.8
V
Input Leakage
Current (All Input)
II(LEAK)
VCC=0V ~ 5.5V
VIN=5.5V or GND
±5
±5
μA
Power Off Leakage
Current
IOFF
VCC=0V, VIN or VOUT=5.5V
±10
±10
μA
Quiescent Supply
Current
ICC
VCC=1.65 ~ 5.5V,
VIN=5.5V or GND, IOUT=0
10
10
μA
Additional Quiescent
Supply Current Per
Input Pin
ΔICC
VCC=3 ~ 5.5V, One input at
VCC-0.6V, other inputs at VCC or
GND
500
500
μA
SWITCHING CHARACTERISTICS (Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°C
TA=-40°C~+125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Propagation delay
from input (A, B or
C) to output (Y)
tPD
VCC=1.8V±0.15V
CL=15pF
2.4
17
1
19
ns
VCC=2.5V±0.2V
1.4
7
1
8.5
ns
VCC=3.3V±0.3V
1.2
5.5
1
7
ns
VCC=5V±0.5V
0.8
4
0.5
5
ns
VCC=1.8V±0.15V
CL=30pF or
50pF
2.8
17.2
1
20
ns
VCC=2.5V±0.2V
1.5
7.5
1
9
ns
VCC=3.3V±0.3V
1.4
6
1
7.5
ns
VCC=5V±0.5V
1
5
1
6
ns
OPERATING CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Capacitance
CIN
VCC=3.3V, VIN=VCC or GND
3.5
pF
Power Dissipation Capacitance
CPD
VCC=1.8V, f=10MHz
18
pF
VCC=2.5V, f=10MHz
19
pF
VCC=3.3V, f=10MHz
20
pF
VCC=5V, f=10MHz
23
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com