Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G332L-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G332L-AG6-R
Description  SINGLE 3-INPUT POSITIVE-OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G332L-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G332L-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G332L-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G332
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2022 Unisonic Technologies Co., Ltd
QW-R502-D74.a
SINGLE 3-INPUT
POSITIVE-OR GATE
DESCRIPTION
The U74LVC1G332 device performs the Boolean function in
Y=A+B+C or Y=A B C
  positive logic.
This device is fully specified for partial-power-down
applications using IOFF. The IOFF circuitry disables the outputs,
preventing damaging current backflow through the device when
it is powered down.
FEATURES
* Wide supply voltage range from 1.65V to 5.5V
* Inputs accept voltages up to 5.5V
* IOFF supports live insertion, partial-power-down mode,
back-drive protection
* Supports Down Translation to VCC
* Low static power consumption; ICC=±10μA (Max.)
* ±24mA Output Drive at 3.3V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC1G332L-AG6-R
U74LVC1G332G-AG6-R
SOT-26
Tape Reel
MARKING


Similar Part No. - U74LVC1G332L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157 Datasheet
208Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157 Datasheet
153Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157A UTC-U74LVC1G3157A Datasheet
281Kb / 6P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157G-AG6-R UTC-U74LVC1G3157G-AG6-R Datasheet
223Kb / 5P
Low ON Resistance
U74LVC1G3157G-AG6-R UTC-U74LVC1G3157G-AG6-R Datasheet
153Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
More results

Similar Description - U74LVC1G332L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_08 Datasheet
489Kb / 15P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI1-SN74LVC1G0832_07 Datasheet
631Kb / 17P
SINGLE 3-INPUT POSITIVE AND-OR GATE
JANUARY2007
SN74LVC1G3208-Q1 TI1-SN74LVC1G3208-Q1 Datasheet
380Kb / 11P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
Single 3-Input Positive-OR Gate
SN74LVC1G3208-EP TI1-SN74LVC1G3208-EP Datasheet
813Kb / 15P
SINGLE 3-INPUT POSITIVE OR-AND GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com