Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD36241L-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD36241L-SH2-R
Description  2.4A, 36V, 100KHZ ASYNCHRONOUS STEP-DOWN CONVERTER WITH LOAD LINE COMPENSATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD36241L-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD36241L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UD36241
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R115-022 a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VIN
Input Supply Voltage, 9V to 36V. Must bypass with a suitably large ceramic
capacitor.
2
BOOT
Bootstrap for High-Side Gate Driver. Connect 0.1μF or greater ceramic capacitor
from BOOT to SW pins.
3
EN
Enable Input Pin. A logic high enables the converter; a logic low forces the
UD36241 into shutdown mode reducing the supply current to less than 10mA.
Attach this pin to VIN with a 100k pull up resistor for automatic startup.
4
FB
Feedback Input Pin. This pin is connected to the converter output. It is used to set
the output of the converter to regulate to the desired value via an external resistive
voltage divider. For an adjustable output, an external resistive divider is connected
to this pin.
5
CSN
Current Sense Negative Input. It is used for load current limiting and load line drop
compensation.
6
CSP
Current Sense Positive Input. It is used for load current limiting and load line drop
compensation.
7
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation. (Connect the exposed pad to Pin 7)
8
SW
Switch Output -- Connect to external L-C filter and Schottky diode.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com