Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD36241L-SH2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UD36241L-SH2-R
Description  2.4A, 36V, 100KHZ ASYNCHRONOUS STEP-DOWN CONVERTER WITH LOAD LINE COMPENSATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD36241L-SH2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UD36241L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UD36241
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R115-022 a
APPLICATION INFORMATION
Application information
The UD36241 is a constant frequency, current mode asynchronous step-down converter with CC and CV control.
In normal operation, the high side N-MOSFET is turned on when the S-R latch is set by the oscillator and is turned
off when the current comparator resets the S-R latch. While the N-MOSFET is turned off, the inductor current
conducts through the external diode.
Error Amplifier
After the system is powered up, the input voltage is charged on the OUT pin through the depleted MOS, and when the
OUT. The error amplifier adjusts its output voltage by comparing the feedback signal (VFB) with the internal 1V reference.
When the load current increases, it causes a drop in the feedback voltage relative to the reference, the error amplifier's
output voltage then rises to allow higher inductor current to match the load current
Oscillator
The internal oscillator runs at fixed frequency 100kHz. In short circuit condition, the controller is turn off the power
MOSFET for low power consumption.
Internal Regulator
The regulator provides low voltage power to supply the internal control circuits and the bootstrap power for
high side gate driver.
Over temperature adjustment function
UD36241
has the function of over temperature adjustment, the output current is gradually reduced when the
driving power is over, so that the output power and temperature rise is controlled, the power supply is maintained at
the set value,
Enable
The converter is turned on when the EN pin is higher than 2V and turned off when the EN pin is lower than 0.3V.
Attach this pin to VIN with a 100k pull up resistor for automatic startup
Soft-Start (SS)
An internal current source charges an internal capacitor to build a soft-start ramp voltage. The FB voltage will track
the internal ramp voltage during soft-start interval. The typical soft-start time is 1.2ms.
Output Line Drop Compensation
If the trace from UD36241 output terminator to the load is too long, there will be a voltage drop on the long trace
which is variable with load current. UD36241 is capable of compensating the output voltage drop to keep a constant
voltage at load, whatever the load current is. The output voltage is compensated by feeding a current to the top
feedback resistance R1. The load line compensation gain can be programmed according to RSENSE and Rtrace
values.
RSENSE
R1
Rtrace2
IOUT
VLOAD
R2
CSP
CSN
FB
Rtrace1
IOUT × RSENSE × 20μ × R1=IOUT × Rtrace
Rtrace
R1=
20μ×RSENSE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com