Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD36241L-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD36241L-SH2-R
Description  2.4A, 36V, 100KHZ ASYNCHRONOUS STEP-DOWN CONVERTER WITH LOAD LINE COMPENSATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD36241L-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD36241L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UD36241
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R115-022 a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwisespecified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
40
V
SW Voltage
VSW
VIN+0.3
V
VBOOT to VSW
VBOOT
6.0
V
EN,FB,CSP,CSN
ICC
6.0
V
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
90
°С/W
Junction to Case
θJC
45
°С/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
9 ~ 36
V
Operating Ambient Temperature Range
TA
-40 ~ +85
°C
Operating Junction Temperature Range
TJ
-40 ~ +125
°C
Note: Range over which the device is functional and parameter limits are guaranteed.
ELECTRICAL CHARACTERISTICS (VIN=12V, VOUT=5V, TEMPER= 25°C, unless otherwisespecified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Shutdown Supply Current
ISD
VEN=0V
1.5
3
μA
Supply Current
IQ
VEN=3V
4
mA
Feedback Voltage
VFB
9V≦VIN≦36V
1
V
High-Side Switch On-Resistance
RDS(ON)_U
200
mΩ
High-Side Switch Leakage Current
ISWLEAK
VEN=0V,VSW=0V
0
10
μA
Upper Switch Current Limit
ILIM
3.6
A
Load Line Compensation Gain
GLC
VCSP-VCSN=90mV, check IFB
15
20
25
μA/V
Current Sense Voltage
VSENSE
VCSP-VCSN
90
mV
Oscillation Frequency
Fosc1
85
100
115
KHZ
VIH
2.7
V
EN Input Threshold Voltage
VIL
0.3
V
Input Under Voltage Lockout Threshold
VUVLO
VIN Rising
8.2
V
Input Under Voltage Lockout Hysteresis
∆VUVLO
0.3
1
V
Soft-Start Period
tSS
1.2
ms
Notes: 1. Stresses beyond those listed ”Absolute Maximum Rating” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of the specifications is not implied .Exposure to
absolute maximum rating conditions may affect device reliability.
2. Devices are ESD sensitive. Handing precaution recommended.
3. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com