Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD36241L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD36241L-SH2-R
Description  2.4A, 36V, 100KHZ ASYNCHRONOUS STEP-DOWN CONVERTER WITH LOAD LINE COMPENSATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD36241L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD36241L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD36241L-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD36241
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R115-022.a
2.4A, 36V, 100KHZ
ASYNCHRONOUS STEP-DOWN
CONVERTER WITH LOAD LINE
COMPENSATION
DESCRIPTION
UD36241
is
a
high-efficiency,
monolithic
asynchronous
stepdown DC/DC converter that can deliver up to 2.4A output
current from a 9V to 36V input supply. The UD36241’s current
mode architecture with internal compensation is optimized for 5V
car charger application over a wide range of loads and output
capacitors. Cycle-by-cycle current limit provides protection against
shorted outputs and soft-start eliminates input current surge during
start-up. The UD36241 also provides output over voltage protection
output under voltage protection and thermal shutdown protection.
The low current (<10mA) shutdown mode provides output
disconnect, enabling easy power management in battery-powered
systems.
FEATURES
HSOP-8
* 9V to 36V Input Voltage Range.
* 2.4A Continuous Output Current (2.7A Peak).
* CC/CV Mode Control
* Adjustable Load Line Compensation
* Integrated N-MOSFET Switches
* Current Mode Control
* Fixed Frequency Operation : 100kHz
* Programmable Output Current Limit
* 200mΩ Internal Power MOSFET Switch
* Lowe EMI signature
* Cycle-by-Cycle Over Current Protection
* Input Under Voltage Lockout
* Thermal Shutdown Protection
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UD36241L-SH2-R
UD36241G-SH2-R
HSOP-8
Tape Reel
MARKING


Similar Part No. - UD36241L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD36061G-AG6-R UTC-UD36061G-AG6-R Datasheet
198Kb / 6P
Internally Compensated
More results

Similar Description - UD36241L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT2808A RICHTEK-RT2808A Datasheet
371Kb / 15P
3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
Monolithic Power System...
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
2A, 55V, 100kHz Step-Down Converter
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
logo
E-CMOS Corporation
EC3278 E-CMOS-EC3278 Datasheet
966Kb / 11P
2.4A/32V Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
MP2499M MPS-MP2499M Datasheet
1Mb / 18P
36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
logo
TECHCODE SEMICONDUCTOR,...
TD2778 TECHCODE-TD2778 Datasheet
906Kb / 13P
2.4A 32V Synchronous Rectified Step-Down Converter
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com