Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-33 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-33
Description  Wide Range DVD Supply: <50 mW No-load Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-33 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-33 Datasheet HTML 1Page - Power Integrations, Inc. DI-33 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-33
TinySwitch-II Wide Range DVD
Supply: <50 mW No-load Consumption
September 2002
DI-33
®
Application
DVD Player
TNY268P
+3.3 V, +5.0 V, +12.0 V, -12 V
Power Output
11 W cont. 17 W pk.
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
Design Highlights
• No-load input power <50 mW
• 700 mW of output power with 1 W input
• Built-in frequency jitter allows low cost
π filter
• 132 kHz operation minimizes transformer size and turns,
providing good cross-regulation
• High efficiency – >77% minimum
•Meets CISPR22B/EN55022B and FCC B with >10 dB margin
Key Design Points
• An optional low voltage bias circuit, D9 and C10, powers U1
via R6, reducing light and zero load power consumption.
This provides bias current that would otherwise be provided
from the DRAIN by the internal high voltage current source.
The current source is disabled when the BP pin is fed
externally, an internal clamp limiting the voltage to
6.3 V. The bias supply is designed to produce 7.5 V at
no-load. Resistor R6 is chosen to provide
approximately 500
µA into the BP pin, the maximum
consumption at no-load.
• Good cross-regulation on 5 V and 3.3 V outputs is
achieved by minimizing secondary leakage through
Figure 1. TinySwitch-II DVD Player Schematic.
the use of foil windings and dual sense feedback via R15
and R16.
• To minimize potential noise coupling to the SOURCE pin
during common mode surges, the Y1 capacitor C8 is
connected between secondary return and the HV DC rail.
• Resistors R5 and R7 damp ringing to improve EMI.
• Optional soft-finish capacitor C7 eliminates output startup
overshoot.
• Optional under-voltage resistor R1 provides clean startup
and prevents output glitches on power down.
R1 = (V
UV-2.5 V)/50 µA.
• Small loop areas in the secondary layout around D10,
C12, D9, C11, D7, C15, D8 and C9 together with post-
filters L2/C20, L3/C17 and L4/C18 provide low output
ripple, below 50 mV p-p.
D
S
BP
PI-3205-091302
EN
U1
TNY268
R5
47
Ω
R7
100
Ω
R1
2 M
Ω
(Optional)
R8
1 k
Ω
R16
6.34 k
Ω
1%
R9
200
Ω
R15
20 k
Ω
1%
R13
10 k
Ω
1%
R10
3.3 k
Ω
R12
1
Ω
1/2 W
D7
UF4003
D9
1N5822
D10
1N5822
D8 UF4003
D6 1N4148
D1 & D2
1N4007
D3 & D4
1N4007
D5
1N4007
F1
L2
3.3 uH
L3
3.3 uH
L4
3.3 uH
U2
PC817
U2
VR1
P6KE180
12 V, 0.4 A
3.3 V, 0.7 A
-12 V, 0.1 A
85-265
VAC
5 V, 1.6 A
RTN
N
L
L1
1.4 mH
0.5 A
C3
0.047
µF
X2
C1 & C4
33
µF
400 V
C8
1 nF
Y1
8
13
9
11
14
6
5,7
1
4
C9
220
µF
25 V
C18
470
µF
10 V
C17
470
µF
10 V
C20
150
µF
25 V
C15
470
µF
25 V
C11
1800
µF
25 V
C12
1000
µF
10 V
C6
220
µF
25 V
C7
10
µF
50 V
U3
TL431
C10
10
µF
50 V
C5
0.1
µF
50 V
C14
0.1
µF
TinySwitch-II
R6
3.3 k
Ω
C2
0.01
µF
1 kV
®


Similar Part No. - DI-33

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
180 W PC Main SFX Supply
DI-31 POWERINT-DI-31 Datasheet
54Kb / 2P
5 V, 70 W DC-DC Converter with Synchronous Rectification
logo
Contec Co., Ltd
DI-32B-PE CONTEC-DI-32B-PE Datasheet
320Kb / 4P
Opto-Isolation Digital Input for PCI Express
DI-32GY CONTEC-DI-32GY Datasheet
238Kb / 3P
F&eIT Series Isolated Digital Input Module
DI-32L-PE CONTEC-DI-32L-PE Datasheet
302Kb / 3P
Isolated Digital Input board for PCI Express
More results

Similar Description - DI-33

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-27 POWERINT-DI-27 Datasheet
51Kb / 2P
3 W AC Adapter: <10 mW No-load Consumption
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-39 POWERINT-DI-39 Datasheet
499Kb / 2P
13 W, Universal Input DVD Supply with 70 mW No-load
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-116 POWERINT-DI-116 Datasheet
448Kb / 2P
28 W Multiple Output Supply with <50 mW o-Load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
logo
Minmax Technology Co., ...
MJW15 MINMAX-MJW15 Datasheet
526Kb / 10P
Low No Load Power Consumption
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com