Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM1109BV Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM1109BV
Description  1A Low Dropout and Adjustable Mode Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1109BV Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM1109BV Datasheet HTML 1Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 2Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 3Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 4Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 5Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 6Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 7Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 8Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EM1109BV
2020/12/30
A.1
2
Pin Assignment
Pin Name
Pin No
DFN3.0X3.0-08
Pin Function
VIN
8
Input Voltage. This is the source input to the power device that supplies
current to the output pin.
GND
4
Ground.
EN
5
Chip Enable Input (Active high).
VO
1
Output Voltage. VOUT is power output pin. An internal pull low resistance
exists when the device is disabled. Minimum 4.7uF low ESR ceramic
capacitor is required at this pin for stabilizing VOUT voltage.
NC
2,6
No Connection.
PG
7
Open Drain Power Good Indicator
ADJ
3
Feedback. Error amplifier input. This pin should be connected to external
resistive divider from output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com