Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM1109BV Datasheet(PDF) 9 Page - Excelliance MOS Corp.

Part # EM1109BV
Description  1A Low Dropout and Adjustable Mode Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1109BV Datasheet(HTML) 9 Page - Excelliance MOS Corp.

Back Button EM1109BV Datasheet HTML 5Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 6Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 7Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 8Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 9Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 10Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 11Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 12Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 13Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EM1109BV
2020/12/30
A.1
9
Functional Description
Enable Function
EM1109BV is enabled if the voltage of the EN pin is
greater than 1.2V. If the voltage of the EN pin is
less than 0.3V, the IC will be disabled.
POR – Power ON Reset
To let EM1109BV start to operation, input voltage
must be higher than its POR voltage even when EN
voltage is pulled higher than enable high voltage.
Typical POR voltage is 2.1V.
Over Current Limit Function
EM1109BV-AJ
features over
current
limiting
function which can limit its output current to 1.3A.
Input and Output Capacitor Selection
For VIN pin, 1uF or larger ceramic capacitor is
required to provide bypass path in transient
current demand. VOUT pin is also recommended to
have 4.7uF or larger ceramic capacitor to be stable
and reduce the VOUT voltage dip when fast loading
transient is happened.
Thermal and Layout Consideration
EM1109BV is designed to maintain a constant
output load current. Due to physical limitations of
the chip layout and assembly of the device the
maximum switch current is 1A. All copper traces
for the VIN and Vo pin should be widely and short
to carry the maximum continuous current and
obtain the best effect. The maximum IC junction
temperature should be restricted to 125℃ under
normal operating conditions. To calculate the
maximum allowable dissipation, PD(MAX) for a given
output current and ambient temperature, used the
following equation:
JA
A
MAX
J
MAX
D
T
T
P
)
(
)
(
Where:
PD(MAX)=Maximum allowable power dissipation
TJ(MAX)=Maximum allowable junction temperature
(125 ℃ for the EM1109BV)
TA=Ambient Temperature of the device
Power Good Function
The power good circuit monitors the feedback
voltage at output. When the ADJ voltage falls below
the PG threshold, the control circuit pull this to pin
to GND. When the ADJ voltage rising above the PG
threshold, this pin becomes high impedance. By
connecting a pullup resistor to an external supply,
any downstream device can receive power good
signal that can be used for managing any fault
event and sequencing. Using the pullup resistor
from 10KΩ to 100KΩ is recommended. The state
of PG is only valid when the device is operating
above the minimum input voltage. When the input
voltage falls below 1V, there is not enough driver to
keep the open drain and power good device turned
on so that the PG output is pulled up. Connecting
the PG pull up to the output can help minimize the
effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com