Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM1109BV Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EM1109BV
Description  1A Low Dropout and Adjustable Mode Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1109BV Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EM1109BV Datasheet HTML 1Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 2Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 3Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 4Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 5Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 6Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 7Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 8Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EM1109BV
2020/12/30
A.1
5
Electrical Characteristics
VIN=VOUT+1V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reference Voltage
VREF
VOUT=VREF, IOUT=1mA
0.788
0.8
0.812
V
Feedback Leakage Current
IADJ
-
-
0.1
0.5
uA
Power Input Voltage
VIN
IOUT=0 to 1A
2.5
-
5.5
V
POR Threshold
VPORTH
IOUT=0 to 1A
-
2.1
2.4
V
POR Hysteresis
VPORHYS
IOUT=0 to 1A
-
0.2
-
V
Quiescent Current
IQ
VIN=VEN=5V, IOUT=0A
-
90
-
uA
Shutdown Current
ISD
VIN=5V, VEN=0V
-
0.1
1
uA
Line Regulation
VOUT(LINE)
IOUT=1mA
-
-
0.2
%/V
Load Regulation
VOUT(LOAD)
1mA < IOUT < 1A, VIN=VOUT+0.5V
-
0.5
1
%/A
Power Supply Rejection
Ratio
PSRR
IOUT=10mA,1kHz
-
70
-
dB
IOUT=10mA,10kHz
-
60
-
IOUT=10mA,100kHz
-
40
-
Dropout Voltage
(IOUT=300mA)
VDROP
2V ≤ VOUT ≤ 2.5V
-
200
250
mV
2.6V ≤ VOUT ≤ 3.5V
-
100
150
Dropout Voltage
(IOUT=1A)
VDROP
2V ≤ VOUT ≤ 2.5V
-
450
-
mV
2.6V ≤ VOUT ≤ 3.5V
-
360
-
Enable High Level
VEN
-
1.2
-
-
V
Disable Low Level
VSD
-
-
-
0.3
V
Enable Input Current
IEN
VEN=5V or 0V
-1
-
1
uA
OCP Threshold Level
IOCP
For Adjustable Output
1.3
-
-
A
For Fixed Version Output
1.1
-
-
Output Turn On Delay Time
TD
VEN high to VOUT Rising 10%
-
50
-
uS
Output Voltage Ramp Up Time
TSS
VOUT Rising 10% to 90%
-
200
-
uS
PG React Time
TPG
VOUT 90% to PG active
55
90
150
uS
PG OFF deglitch time
TPGF
ADJ Falling to PG low
-
5
-
uS
EN goes low to PG low
PG Threshold
VPGR
ADJ Rising
90
92
94
%
VPGF
ADJ Falling
80
82
84
PG Sinking Voltage
VPOK
Sinking current= 5mA
-
-
0.4
V
Thermal Shutdown Temperature
TSD
VIN=VEN=5V, VOUT=VREF, IOUT=0A
-
160
-
oC
Thermal Shutdown Hysteresis
TSDHYS
VIN=VEN=5V, VOUT=VREF, IOUT=0A
-
30
-
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com