Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM1109BV Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM1109BV
Description  1A Low Dropout and Adjustable Mode Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1109BV Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM1109BV Datasheet HTML 1Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 2Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 3Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 4Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 5Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 6Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 7Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 8Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
EM1109BV
2020/12/30
A.1
1
1A Low Dropout and Adjustable Mode Regulator
General Description
The EM1109BV performs ultra- low drop voltage,
high power supply rejection ratio (PSRR), fast
response, low noise linear regulator, and designed
to continuously deliver up to 1A output current.
The EM1109BV has wide adjustable output voltage
range and high output accuracy to 1.0%.
No by-pass capacitor is needed for this device and
only 4.7uF ceramic capacitor is required for stability
in any loading conditions. It reduces the amount of
board space necessary for power applications.
The other features include soft start, current limit
protection, Power-On-Reset function, and over
temperature protection. The EM1109BV is available
in DFN3X3-08L package.
Ordering Information
Part Number
Package
XX: Output
Voltage
EM1109BV-XX
DFN3X3-08L
AJ: Adjust
10: 1.00V
12: 1.20V
15: 1.50V
18: 1.80V
25: 2.50V
30: 3.00V
33: 3.30V
Features
 Wide VIN Range from 2.5V to 5.5V
 Adjustable Output Voltage from 1V to 4.5V
 Fixed Option: 1V,1.2V,1.5V,1.8V,2.5V to 3.3V
 Ultra Low Dropout Voltage: 450mV @1A
 Low Shutdown Current < 1uA
 Only 4.7uF Ceramic Capacitor required for
stability
 Over Temperature Protection
 Current Limit Protection
 RoHS Compliant and 100% Lead (Pb)-Free
Applications
 Cellular Handsets
 Battery-Powered Equipment
 Laptop, Palmtops, Notebook Computers
 Hand-Held Instruments
 PCMCIA Cards
 Portable Information Applications
Pin Configuration
DFN3X3-08
Typical Application Circuit
Fixed Version Output
Adjustable Output


Similar Part No. - EM1109BV

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM1109 EXCELLIANCE-EM1109 Datasheet
1Mb / 11P
1A Low Dropout Adjustable and Fixed Mode Regulator
2017/12/26 A5
EM1109A EXCELLIANCE-EM1109A Datasheet
568Kb / 11P
1A Low Dropout and Adjustable Mode Regulator
2018/06/11 A.0
EM1109AV-AD EXCELLIANCE-EM1109AV-AD Datasheet
568Kb / 11P
1A Low Dropout and Adjustable Mode Regulator
2018/06/11 A.0
EM1109V-XX EXCELLIANCE-EM1109V-XX Datasheet
1Mb / 11P
1A Low Dropout Adjustable and Fixed Mode Regulator
2017/12/26 A5
More results

Similar Description - EM1109BV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
1A Low Dropout Adjustable Regulator
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
AP7361C DIODES-AP7361C Datasheet
1Mb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 2
logo
Texas Instruments
LM2941 TI1-LM2941_16 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
logo
Diodes Incorporated
AP7361 DIODES-AP7361_17 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361EA DIODES-AP7361EA Datasheet
2Mb / 24P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com