Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP11 Datasheet(PDF) 37 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 37 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 33Page - Power Integrations, Inc. EP11 Datasheet HTML 34Page - Power Integrations, Inc. EP11 Datasheet HTML 35Page - Power Integrations, Inc. EP11 Datasheet HTML 36Page - Power Integrations, Inc. EP11 Datasheet HTML 37Page - Power Integrations, Inc. EP11 Datasheet HTML 38Page - Power Integrations, Inc. EP11 Datasheet HTML 39Page - Power Integrations, Inc. EP11 Datasheet HTML 40Page - Power Integrations, Inc. EP11 Datasheet HTML 41Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
22-Jan-01
EPR-00011 - 70 W Adapter
Page 37 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
13 Appendix A - Thermal considerations:
The TOPSwitch-GX family significantly extends the power capability over the
TOPSwitch-II family of devices.
The higher power capability is a result of a lower
internal high voltage MOSFET RDS(ON) over that of any previous TOPSwitch-II. This lower
RDS(ON) enables compact high power adapters such as the EP11.
The output powers of higher power adapter supplies like EP11 are all thermally limited to
some degree. One of the important design considerations is often compact size which
together with efficiency limitations combine to limit the maximum continuous power of the
design. This adapter is no exception. The maximum continuous power is rated at 70
Watts in an enclosure at a 40
°C ambient temperature (see Figure 13). This rating is
very “packaging” dependent.
The power dissipated by the high voltage MOSFET within the TOP249Y is a significant
source of heat. Together with the heat generated in the transformer, output diodes, input
rectifier and filter, as well as the output filter must be managed to keep the maximum
component temperatures within limits.
Layout and heat sinking and the complete
package must be designed to manage the heat generated by the board components.
Adapters are generally completely enclosed external power sources that provide little or
no ventilation for the internal converter components. They are also generally small in
size which creates high power densities and necessitates very tight packaging of
components. The first and most fundamental performance element to optimise for a
successful high power adapter is its efficiency. Other key considerations include; heat
sink design, “hot spots”, and maximum component temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com