Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP11 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EP11 Datasheet HTML 1Page - Power Integrations, Inc. EP11 Datasheet HTML 2Page - Power Integrations, Inc. EP11 Datasheet HTML 3Page - Power Integrations, Inc. EP11 Datasheet HTML 4Page - Power Integrations, Inc. EP11 Datasheet HTML 5Page - Power Integrations, Inc. EP11 Datasheet HTML 6Page - Power Integrations, Inc. EP11 Datasheet HTML 7Page - Power Integrations, Inc. EP11 Datasheet HTML 8Page - Power Integrations, Inc. EP11 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
EPR-00011 - 70 W Adapter
22-Jan-01
Page 2 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
Table of Contents
1
Introduction..................................................................................................................4
2
Power Supply Specification .........................................................................................6
3
Schematic ....................................................................................................................7
3.1 Description ...............................................................................................................7
4PCB Layout................................................................................................................10
5
Bill of Materials ..........................................................................................................11
6
Transformer Documentation ......................................................................................12
6.1 Transformer Sources .............................................................................................14
7
Transformer Spreadsheet..........................................................................................15
8
Performance Data......................................................................................................17
8.1 Efficiency................................................................................................................17
8.2 No-load input power...............................................................................................18
8.3 Regulation / Power Limiting ...................................................................................18
9
Thermal Performance ................................................................................................20
10 Waveform Scope Plots ..............................................................................................24
10.1
Drain Voltage and Current During Normal Operation.........................................24
10.2
Output Voltage During Power-up........................................................................25
10.3
Output Voltage During Power-down ...................................................................26
10.4
Drain Voltage and Current during Power-Up (265 VAC)......................................26
10.5
DRAIN Current During Power-Up and Power-Down...........................................27
10.6
Load Transient response (15 to 100% load change) .........................................28
10.6.1 15 to 100% load change, 85 VAC.....................................................................28
10.7
Load Transient response (0 to 50% load change) .............................................29
10.7.1 0 to 50% load change, 85 VAC.........................................................................29
10.7.2 0 to 50% load change, 130 VAC.......................................................................29
10.7.3 0 to 50% load change, 130 VAC.......................................................................30
10.8
Ripple Measurements.........................................................................................30
10.8.1 DC Ripple Measurement Technique...............................................................30
10.8.2 Ripple Measurement Results..........................................................................31
11 Control Loop Characteristics .....................................................................................32
11.1
Gain Phase Results............................................................................................33
12 Conducted EMI Scans ...............................................................................................36
Important Note:
Although the EP11 is designed to satisfy safety isolation
requirements, the engineering prototype has not been agency
approved.
Therefore all testing should be performed using an
isolation transformer to provide the AC input to the prototype
board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com