Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP11 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 17Page - Power Integrations, Inc. EP11 Datasheet HTML 18Page - Power Integrations, Inc. EP11 Datasheet HTML 19Page - Power Integrations, Inc. EP11 Datasheet HTML 20Page - Power Integrations, Inc. EP11 Datasheet HTML 21Page - Power Integrations, Inc. EP11 Datasheet HTML 22Page - Power Integrations, Inc. EP11 Datasheet HTML 23Page - Power Integrations, Inc. EP11 Datasheet HTML 24Page - Power Integrations, Inc. EP11 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
EPR-00011 - 70 W adapter
22-Jan-01
Page 21 of 46
Power Integrations Inc
Tel: +1 408 523 9200 Fax: +1 408 523 9300
www: http://www.powerint.com
Figure 11 - Location of board mounted thermocouples
The tests were run at an input line voltage of 90 Volts (60Hz). The load was adjusted to
provide a nominal output power at the end of a cable of first 60 Watts, then 65 Watts, 70
Watts, and finally 72.5 Watts. Power at the power supply output connector (J2) was
approximately; 61.2 Watts, 66.2 Watts, 70.6 Watts and 73.8 Watts respectively.
The maximum case surface temperature was < 75
°C in a 40°C ambient, 90 V
AC, 70W
(see figure 14 for thermal image)
1
2
3
4
5
8
9
10
9
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com