Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP11 Datasheet(PDF) 39 Page - Power Integrations, Inc.

Part # EP11
Description  Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP11 Datasheet(HTML) 39 Page - Power Integrations, Inc.

Back Button EP11 Datasheet HTML 35Page - Power Integrations, Inc. EP11 Datasheet HTML 36Page - Power Integrations, Inc. EP11 Datasheet HTML 37Page - Power Integrations, Inc. EP11 Datasheet HTML 38Page - Power Integrations, Inc. EP11 Datasheet HTML 39Page - Power Integrations, Inc. EP11 Datasheet HTML 40Page - Power Integrations, Inc. EP11 Datasheet HTML 41Page - Power Integrations, Inc. EP11 Datasheet HTML 42Page - Power Integrations, Inc. EP11 Datasheet HTML 43Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
22-Jan-01
EPR-00011 - 70 W Adapter
Page 39 of 46
Power Integrations Inc
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www: http://www.powerint.com
13.3 Heat Spreading and Enclosure Surface Temperature:
The enclosures of adapters are generally limited to an absolute maximum external
surface temperature (defined by safety approval agencies such as U.L.).
For higher
power adapters, it is often necessary to use an internal heat spreader to evenly
distribute the internally generated heat across the inside of the enclosure’s outside walls.
This will help eliminate “hot spots”. The “heat spreader” is generally nothing more than
an additional foil wrap (or sheets of copper or aluminum) between the converter and the
outside enclosure walls. The caveat is that these heat spreaders must generally be
electrically insulated from the heat sinks to provide safety isolation.
This electrical
insulation invariably contributes significant thermal impedance.
Even with heat
spreaders, care must be taken to avoid crowding the heat generating components
together more than is necessary.
13.4 Component Temperature:
The maximum operating temperature of the power devices within the converter may be
limited by various considerations depending on the type of component.
-
TOPSwitch-GX :
The TOPSwitch-GX is thermally protected by its internal thermal shutdown
feature. This feature prohibits the device from operation when the internal junction
temperature (TJ ) exceeds 140
oC (typ.). This junction temperature will be higher
than the package tab temperature (TC) depending on the amount of power being
dissipated. It is good design practice to keep this junction temperature below
120
oC to guarantee continuous operation with adequate margin. For the EP11,
thermal shutdown occurs at a TOP249 tab temperature (TC) of approximately
120
oC (depending somewhat on the output power level). At 65 Watts output, the
EP11’s TOP249 tab stabilises at TC=103.6
oC in an ambient of approximately 40oC
(while in the enclosure with a 90VAC input). At 70Watts this tab temperature
stabilises at TC=111.9
oC. Care must be taken with any package design to make
sure that adequate margin remains at the maximum output power and ambient
temperature. One way to test this is to stabilise the supply at maximum power in
the desired environment and subsequently increase either the power or the
ambient temperature in small increments (waiting for the internal temperatures to
stabilise each time) until shutdown occurs. This allows the designer to determine
how much margin there is for thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com