Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT034R0NL5TR Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SVT034R0NL5TR
Description  100A, 30V N-CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT034R0NL5TR Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

  SVT034R0NL5TR Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Silan
Microelectronics
SVT034R0NL5_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 7 of 9
PACKAGE OUTLINE
PDFN-8-5X6X0.95-1.27
UNIT: mm
L1
D
A
c
Top View
Side View
Bottom View
4
1
8
5
b
e
D1
1
4
5
8
b
K
e
1.27
0.154
0.90
—
0.354
6.06
5.66
SYMBOL
A
c
D
E
E1
MIN
NOM
MAX
1.20
0.25
5.40
4.80
—
—
—
—
1.30
D1
E4
L1
H
—
3.76
4.30
5.90
6.35
0.30
0.55
1.10
1.50
1.07
1.37
—
—
0.60
3.34
3.92
0.30
0.71
0.12
L
—
—
0.40
0.71
MILLIMETER
CAUTION
ELECTROSTATIC
SENSITIVE DEVICE
DO NOT OPEN OR HANDLE
EXPECT AT A STATIC-FREE
WORKSTATION
MOS DEVICES OPERATE NOTES:
Electrostatic charges may exist in many things. Please take following preventive measures to prevent effectively the
MOS electric circuit as a result of the damage which is caused by discharge:
The operator must put on wrist strap which should be earthed to against electrostatic.
Equipment cases should be earthed.
All tools used during assembly, including soldering tools and solder baths, must be earthed.
MOS devices should be packed in antistatic/conductive containers for transportation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com