Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT034R0NL5TR Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SVT034R0NL5TR
Description  100A, 30V N-CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT034R0NL5TR Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SVT034R0NL5TR Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silan
Microelectronics
SVT034R0NL5_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 4 of 9
TYPICAL CHARACTERISTICS
Figure 5. Turn-on Voltage vs.
Temperature characteristics
0
1
Figure 1. Output Characteristics
Drain-Source Voltage – VDS(V)
Notes:
1.250µs pulse test
2.Tc=25°C
0
100
150
5
250
300
3
4
200
Figure 2. Transfer Characteristics
Gate-source Voltage - VGS (V)
0.1
10
0
1
2
3
4
5
1000
100
-55°C
25°C
150°C
Drain Current - ID (A)
Figure 3. On-resistance vs. Drain Current
0
8
0
40
100
60
80
2
4
20
Note: TJ=25°C
6
0.1
10
1.0
0
0.4
0.6
0.8
1.0
1.4
1000
Source-Drain Voltage - VSD (V)
Figure 6. Body Diode Forward Voltage
Variation vs. Source Current and Temperature
0.2
Notes:
1. VGS=0V
2. 250µs pulse test
100
1.2
-55°C
25°C
150°C
Gate-source Voltage - VGS (V)
Figure 4. On-resistance vs. Gate-source Voltage
0
20
4
0
4
10
6
8
12
2
Note: ID=20A
16
8
50
1
Notes:
1.VDS=5V
2.250µs pulse test
Tj=150°C
Tj=25°C
Junction Temperature - TJ(°C)
0
-100
200
3
50
1
-50
100
Note: ID=250µA
0
150
2
2
VGS=2.5V
VGS=3.0V
VGS=3.5V
VGS=4.5V
VGS=10V
VGS=8.0V
VGS=4.5V
VGS=10V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com