Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT034R0NL5TR Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SVT034R0NL5TR
Description  100A, 30V N-CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT034R0NL5TR Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SVT034R0NL5TR Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SVT034R0NL5TR Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Silan
Microelectronics
SVT034R0NL5_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 5 of 9
TYPICAL CHARACTERISTICS (CONTINUED)
Figure 7. Capacitance Characteristics
Drain-Source Voltage - VDS(V)
Gate Charge - QG (nC)
Figure 8. Gate Charge
Figure 9. Breakdown Voltage Variation vs. Temperature
Junction Temperature – TJ(°C)
0.8
0.9
1.2
1.1
-100
-50
0
50
100
200
150
1.0
Notes:
1. VGS=0V
2. ID=250µA
0.0
1.5
-100
100
200
2.5
50
0.5
0
150
Notes:
1. VGS=10V
2. ID=20A
-50
Junction Temperature – TJ(°C)
Figure 10. On-resistance Variation vs. Temperature
1.0
2.0
0
50
0
125
175
70
100
30
75
150
25
Temperature - TC(°C)
Figure 12. Power Dissipation vs. Case Temperature
40
20
50
60
Figure 11. Max. Safe Operating Area
Drain Source Voltage - VDS(V)
10
10
-1
10
1
10
2
10
-1
10
1
10
2
10
3
10
0
Note: Tc=25°C
DC
10ms
1ms
100µs
10
0
Ope ration in This Area is
Limited by RDS(ON)
10µs
0
10
20
30
10
2
10
4
15
10
3
Ciss
Coss
Crss
5
25
Ciss=Cgs+Cgd(Cds=shorted)
Coss=Cds+Cgd
Crss=Cgd
Notes:
1. VGS=0V
2. f=1MHz
0
5
4
1
6
0
10
25
2
3
30
20
VDS=24V
VDS=15V
VDS=6V
5
15
Note: ID=20A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com