Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT034R0NL5TR Datasheet (PDF) - Silan Microelectronics Joint-stock

SVT034R0NL5TR Datasheet PDF - Silan Microelectronics Joint-stock
Part # SVT034R0NL5TR
Download  SVT034R0NL5TR Download
File Size   338.51 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 100A, 30V N-CHANNEL MOSFET

SVT034R0NL5TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SVT034R0NL5TR Datasheet PDF - Silan Microelectronics Joint-stock

Part # SVT034R0NL5TR
Download  SVT034R0NL5TR Click to download

File Size   338.51 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 100A, 30V N-CHANNEL MOSFET

SVT034R0NL5TR Datasheet (HTML) - Silan Microelectronics Joint-stock


SVT034R0NL5TR Product details

DESCRIPTION
SVT034R0NL5 is an N-channel enhancement mode power MOS
field effect transistor which is produced using Silan's LVMOS
technology. The improved process and cell structure have been
especially tailored to minimize on-state resistance, provide superior
switching performance.
This device is widely used in power management for UPS and
Inverter Systems.

FEATURES
 100A, 30V, RDS(on)(typ.)=3.0m@VGS=10V
 Low gate charge
 Low Crss
 Fast switching
 Extreme dv/dt rated
 100% avalanche tested
 Pb-free lead plating
 RoHS compliant




Similar Part No. - SVT034R0NL5TR

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SVT03100ND SILAN-SVT03100ND Datasheet
310Kb / 7P
60A, 30V N-CHANNEL MOSFET
Rev.:1.1
SVT03100NL3 SILAN-SVT03100NL3 Datasheet
264Kb / 8P
45A, 30V N-CHANNEL MOSFET
Rev.:1.2
SVT03100NL3TR SILAN-SVT03100NL3TR Datasheet
264Kb / 8P
45A, 30V N-CHANNEL MOSFET
Rev.:1.2
SVT03110PL3 SILAN-SVT03110PL3 Datasheet
333Kb / 9P
-46A, -30V P CHANNEL MOSFET
Rev.:1.1
SVT03120NL2 SILAN-SVT03120NL2 Datasheet
372Kb / 9P
12A, 30V N-CHANNEL MOSFET
Rev.:1.2
More results


Similar Description - SVT034R0NL5TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
Unisonic Technologies
ULB4132 UTC-ULB4132 Datasheet
236Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03 UTC-UT100N03 Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03-Q UTC-UT100N03-Q Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UTT100P03 UTC-UTT100P03 Datasheet
131Kb / 3P
100A, 30V P-CHANNEL POWER MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com