Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD9535CGS Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD9535CGS
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9535CGS Datasheet(HTML) 2 Page - Leadtrend Technology

  LD9535CGS Datasheet HTML 1Page - Leadtrend Technology LD9535CGS Datasheet HTML 2Page - Leadtrend Technology LD9535CGS Datasheet HTML 3Page - Leadtrend Technology LD9535CGS Datasheet HTML 4Page - Leadtrend Technology LD9535CGS Datasheet HTML 5Page - Leadtrend Technology LD9535CGS Datasheet HTML 6Page - Leadtrend Technology LD9535CGS Datasheet HTML 7Page - Leadtrend Technology LD9535CGS Datasheet HTML 8Page - Leadtrend Technology LD9535CGS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LD9535C
09/21/2020
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9535C-DS-00 September 2020
Pin Configuration
Ordering Information
Part number
Package
TOP MARK
Shipping
LD9535C GS
SOP-8
(Green Package)
LD9535CGS
2500 tape & reel
LD9535C GN
DIP-8
(Green Package)
LD9535CGN
2500 tape & reel
The LD9535C is RoHs compliant/ green packaged.
Protection Mode
Product Name
Switching Freq.
VCC_OVP
FB_OVP
OSCP
OLP
Int. OTP
LD9535C
65kHz
Auto recovery
Auto recovery
Auto recovery
Auto recovery
Auto recovery
Pin Descriptions
Pin
NAME
FUNCTION
1
VCC
Supply voltage pin
2
FB
Auxiliary voltage sense and Quasi Resonant detection
3
COMP
Output of the error amplifier for voltage compensation
4
CS
Current sense pin, connect to sense the MOSFET current
5,6
DRAIN
The drain of internal power MOSFET
7,8
GND
Ground
SOP-8 & DIP-8 (TOP VIEW)
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
YYWWPP
YY:
Year code
WW:
Week code
PP:
Production code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com