Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD9535CGS Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD9535CGS
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9535CGS Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD9535CGS Datasheet HTML 7Page - Leadtrend Technology LD9535CGS Datasheet HTML 8Page - Leadtrend Technology LD9535CGS Datasheet HTML 9Page - Leadtrend Technology LD9535CGS Datasheet HTML 10Page - Leadtrend Technology LD9535CGS Datasheet HTML 11Page - Leadtrend Technology LD9535CGS Datasheet HTML 12Page - Leadtrend Technology LD9535CGS Datasheet HTML 13Page - Leadtrend Technology LD9535CGS Datasheet HTML 14Page - Leadtrend Technology LD9535CGS Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LD9535C
09/21/2020
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9535C-DS-00 September 2020
M
L
Inductance of primary winding
R
C
Resonance equivalent parasitic capacitance
If VDS voltage falls to resonant valley level from max
plateau value, the QRD comparator will be tripped while
FB pin current is close to 20
A.
However, the QR detection will be influenced by
propagation delay. If inductance of primary winding is
less than 500µH, there is barb in Vds (as shown in Fig.
13).
L<500μH
Vaux
.
VQRD(IFB=20µA)
t
TPD
TPD
Fig. 13
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431
at the secondary side through the photo-coupler to the
COMP pin of the LD9535C. Similar to UC3842, the
LD9535C would without voltage offset to feed the
voltage divider at the ratio of RA and RB, that is,
COMP
)
PWM
(
V
RB
RA
RB
V
COMPARATOR
A pull-high resistor is embedded internally and therefore
no external one is required.
The LD9535C integrates the multi-mode PWM controller,
and for enhance the light load efficiency, the comp pin
value corresponding to the frequency is as shown in Fig.
14.
VCOMP
FSW
65kHz
24kHz
0.6V 0.7V
Green Mode + QR PWM/CCM
1.1V
1.3V
Max. frequency depends on LM
Fig. 14
Current Sensing, Leading Edge Blanking
The typical current mode of PWM controller feedbacks
both current signal and voltage signal to close the
control loop and achieve regulation. The LD9535C
detect the primary MOSFET current from the CS pin,
which is not only for the peak current mode control but
also for the pulse-by-pulse current limit. The maximum
voltage threshold of the current sensing pin sets at 0.5V.
From above, the MOSFET peak current can be obtained
from below.
CS
)
MAX
(
PEAK
R
V
5
.
0
I
A leading-edge blanking (LEB) timer is included in the
input of CS pin to prevent false trigger from the turn-on
current spike (as shown in Fig. 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com