Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD9535CGS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD9535CGS
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9535CGS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD9535CGS Datasheet HTML 8Page - Leadtrend Technology LD9535CGS Datasheet HTML 9Page - Leadtrend Technology LD9535CGS Datasheet HTML 10Page - Leadtrend Technology LD9535CGS Datasheet HTML 11Page - Leadtrend Technology LD9535CGS Datasheet HTML 12Page - Leadtrend Technology LD9535CGS Datasheet HTML 13Page - Leadtrend Technology LD9535CGS Datasheet HTML 14Page - Leadtrend Technology LD9535CGS Datasheet HTML 15Page - Leadtrend Technology LD9535CGS Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
LD9535C
09/21/2020
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9535C-DS-00 September 2020
CS
VCC
GND
LD9535C
Drain
LEB time
VBULK
Fig. 15
CCM Switching Frequency Clamp
According to the QR operation principle, the switching
frequency is inversely proportional to the output power.
Therefore, as the output power increases, the switching
frequency can become rather low without limiting. The
CCM switching frequency of LD9535C is clamped at 65
kHz internally to provide the optimized operations by
considering the EMI performance, thermal treatment,
component sizes and transformer design
.
Over Voltage Protection on VCC Pin
(VCC OVP)
– Auto Recovery
LD9535C is implemented with an OVP function on VCC.
Whenever the VCC voltage is higher than the OVP
threshold voltage, the LD9535C will be shutdown
simultaneously thus to stop the switching of the power
MOSFET until the next UVLO(ON).The VCC OVP
function in LD9535C is an auto-recovery type protection.
The Fig. 16 shows its operation.
On the other hand, if the OVP condition is removed, the
VCC level will get back to normal level and the output
will automatically return to the normal operation.
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig. 16
Over
Load
Protection
(OLP)
– Auto
Recovery
To protect the circuit from damage due to over-load
condition
and
short
or
open-loop
condition,
the
LD9535C is implemented with smart OLP function. It
also features auto
–recovery function, see Fig. 17 for the
waveform. In case of fault condition, the feedback
system will force the voltage loop toward the saturation
and then pull the voltage high on COMP pin (VCOMP).
When the VCOMP ramps up to the OLP threshold of 2.8V
and continues over OLP delay time, the protection will
be activated and then turn off the gate output to stop the
switching of power circuit.
With the protection mechanism, the average input
power will be minimized to remain the component
temperature and stress within the safe operating area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com