Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD9535CGS Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD9535CGS
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9535CGS Datasheet(HTML) 4 Page - Leadtrend Technology

  LD9535CGS Datasheet HTML 1Page - Leadtrend Technology LD9535CGS Datasheet HTML 2Page - Leadtrend Technology LD9535CGS Datasheet HTML 3Page - Leadtrend Technology LD9535CGS Datasheet HTML 4Page - Leadtrend Technology LD9535CGS Datasheet HTML 5Page - Leadtrend Technology LD9535CGS Datasheet HTML 6Page - Leadtrend Technology LD9535CGS Datasheet HTML 7Page - Leadtrend Technology LD9535CGS Datasheet HTML 8Page - Leadtrend Technology LD9535CGS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LD9535C
09/21/2020
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9535C-DS-00 September 2020
Absolute Maximum Ratings
Supply Voltage VCC
-0.3V ~ 32V
COMP
-0.3V ~ 12V
FB, CS
-0.3V ~ 7V
DRAIN
-0.3V ~ 650V
Storage Temperature Range
-65
C ~ 150C
Package Thermal Resistance (DIP-8, θJA)
80
C/W
Package Thermal Resistance (DIP-8, θJC)
30
C/W
Power Dissipation (DIP-8, at Ambient Temperature = 85
C)
500mW
Package Thermal Resistance (SOP-8, θJA)
106
C/W
Package Thermal Resistance (SOP-8, θJC)
20
C/W
Power Dissipation (SOP-8, at Ambient Temperature = 85
C)
377mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model (Except Drain Pin)
2.5 KV
ESD Voltage Protection, Human Body Model (Drain Pin)
1 KV
ESD Voltage Protection, Machine Model (Except Drain Pin)
250 V
ESD Voltage Protection, Machine Model (Drain Pin)
200 V
Note1: The value of
JA is measured with the device mounted on 1oz one layer FR-4 board, in a still air environment with TA = 25°C. The
value in any given application depends on the user’s specific board design.
Caution:
Stress exceeding maximum ratings may damage the device. Maximum ratings are stress ratings only. Functional operation above the
recommended operating conditions is not implied. Extended exposure to stress above recommended operating conditions may affect
device reliability.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
Supply VCC Voltage
8.0
26.5
V
VCC Capacitor
3.3
10
F
Start-up resistor Value (AC Side, Half Wave)
400K
2M
Comp Pin Capacitor (X7R type)
330
4700
pF
CS Pin Capacitor Value
-
30
pF
Current Sense Resistor
0.25
-
Ω
Note:
1.
It
’s essential to connect VCC pin with a SMD ceramic capacitor (0.1
F ~ 0.47F) to filter out the undesired switching
noise for stable operation. This capacitor should be placed close to IC pin as possible.
2.
It
’s also essential to connect a capacitor to COMP to filter out the undesired switching noise for stable operation.
3.
The small signal components should be placed close to IC pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com