Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 107 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. B | 40 of 107
►
Transmit Buffer Overflow. Occurs when attempting to write trans-
mit frame data to the MAC-PHY when there is no transmit buffer
space available as indicated by the transmit credit field (TXC) of
the previous data footer. In this condition, the MAC-PHY ignores
the transmit data chunk and sets the host transmit FIFO overflow
bit, and the frame data already in the buffer is dropped.
►
Transmit Buffer Under Run. This error can only occur in cut
through mode. The SPI host must always send frame data to
the MAC-PHY faster than the network to avoid this error. When
this error occurs, the host transmit FIFO under run error bit is
set, and the MAC-PHY terminates the frame being transmitted
in a way that invalidates the frame. Additionally, the MAC-PHY
ignores any additional frame data received from the SPI host
until it receives an end of frame indication (EV = 1).
►
Loss of Framing Error. This error occurs when the CS signal is
deasserted before the expected end of the data chunk or control
command. The MAC-PHY and the loss of frame error is set, any
transmit frame in progress is dropped, and any receive frame in
progress of being sent to the SPI host is terminated.
►
Receive Buffer Overflow. This error occurs when the SPI host
does not read frame data from the MAC-PHY fast enough. This
error can occur both in store and forward and cut through modes.
When this error occurs, the MAC-PHY terminates the frame
being received from the PHY. In store and forward mode, no
portion of the frame is transferred to the SPI host. In cut through
mode, the MAC-PHY terminates the frame (EV = 1) with frame
drop set (FD = 1).
►
Control Data Protection Error. The control data protection error
(CDPE) and the loss of frame error (LOFE) bits assert when
protection is enabled on the OPEN Alliance SPI and there is an
error on write data received from the host. The write does not
complete in this case.
If possible, the software executes the write again. If software
does not know which configuration register was written, the de-
vice might not be configured properly. In this case, the MAC must
be reset by writing the RST_MAC_ONLY keys to the software
reset register.
SPI Access to the PHY Registers
The ADIN1110 provides indirect access using the SPI to access the
PHY management registers. The 8 registers MDIOACCn in the SPI
register map are used to access the PHY management registers.
Each MDIOACCn register corresponds to an MDIO transaction.
The MDC default speed is 2.5 MHz. Either 2.5 MHz or 4.166
MHz MDC frequency can be selected via the MSPEED bits in the
CONFIG2 register.
The MDIO master polls in round robin mode the TRDONE bits of
the eight MDIOACCn registers. When the MDIO master detects that
one of the TRDONE fields is 0, an MDIO transaction is started
by the MDIO master. When the MDIO transaction completes, the
TRDONE bits are set to 1, and the master proceeds to check the
TRDONE bits of the next MDIOACCn register.
Note that MDIO_DEVAD is always written with the device ID of the
register being accessed, MDIO_PRTAD is always written to 0x1,
and MDIO_ST is written to 0x0 for Clause 45 access (this applies to
all of the following examples).
Example write to PHY Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = the address of Regis-
ter XYZ, MDIO_DEVAD = the device ID of Register XYZ,
MDIO_PRTAD = 0x1, MDIO_OP = 0x0(ADDR), MDIO_ST =
0x0, and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_DATA = the value to be written to
Register XYZ, MDIO_OP = 0x1(WR) and TRDONE = 0x0.
3. Optionally, poll MDIOACC0.TRDONE = 0x1 to determine that
the write address operation has completed.
4. Poll MDIOACC1.TRDONE = 0x1 to determine that the write
data operation has completed.
Example read of PHY Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = the address of Register
XYZ, MDIO_OP = 0x0(ADDR), and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_OP = 0x3(RD) and TRDONE =
0x0.
3. Poll MDIOACC1. TRDONE= 0x1 to determine that the write da-
ta operation has completed. MDIOACC1. MDIO_DATA reflects
the content of MDIO Register XYZ.
Example write operation followed by a read to verify the write
operation:
1. Write MDIOACC0 with MDIO_DATA = the address of register
ABC and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_DATA = the value to be written to
register ABC, MDIO_OP = 0x1(WR), and TRDONE = 0x0.
3. Write MDIOACC2 MDIO_OP = 0x3(RD) and TRDONE = 0x0.
4. Poll MDIOACC2.TRDONE = 0x1 to verify that all operations are
completed. MDIO_DATA reflects the content of register ABC.
Example of four consecutive writes. It is possible to write a com-
mand to all 8 register before checking any.
1. Write MDIOACC0 with MDIO_DATA = the address of register
ABC and TRDONE = 0x0.
2. Write MDIOACC1 with the write data for register ABC,
MDIO_OP = 0x1, and TRDONE = 0x0.
3. Write MDIOACC2 with MDIO_DATA = the address of register
DEF and TRDONE = 0x0.
4. Write MDIOACC3 with the write data for register DEF,
MDIO_OP = 0x1, and TRDONE = 0x0.
5. Write MDIOACC4 with MDIO_DATA = the address of register
GHJ and TRDONE = 0x0.
6. Write MDIOACC5 with the write data for register GHJ,
MDIO_OP = 0x1, and TRDONE = 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com