Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
Data Sheet
ADIN1110
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 10 of 107
Table 8. Pin Function Descriptions (Hardware Pin Configuration Groupings Are Subject to Change) (Continued)
Pin No.
Mnemonic1
Description
12
TXN
Transmit Negative Pin.
13
RXN
Receive Negative Pin.
14
RXP
Receive Positive Pin.
15
TXP
Transmit Positive Pin.
Configuration/Status
3
LED_0
Programmable LED Indicator for General-Purpose LED. The LED is active low. The LED can be active
high or active low. By default, LED_0 is configured to turn on when a link is established and blink when
there is activity. See the LED Functions section.
4
LINK_ST
Link Status Output. LINK_ST indicates whether a valid link is established. LINK_ST is active high.
6
LED_1
Programmable LED Indicator for General-Purpose LED. The LED can be active high or active low. By
default, LED_1 is disabled. See the LED Functions section.
31
TX2P4_EN2
Transmit Level Amplitude Hardware Configuration Pin. Set high for 1.0 V p-p transmit amplitude only.
Set low to support both 1.0 V p-p and 2.4 V p-p transmit amplitude. See Table 15.
33
SWPD_EN2
Software Power-Down Configuration. Set low to configure PHY to enter software power-down mode
after power-up/reset. See Table 13.
LDOs and REFERENCE
19
CEXT_2
External Decoupling for Band Gap Voltage Reference. Connect a 0.1 μF capacitor to ground as close as
possible to this pin. Do not use this pin as a voltage source for an external circuit.
20
CEXT_3
External Decoupling for LDO Circuit. Connect a 1 μF capacitor to ground as close as possible to this
pin. Do not use this pin as a voltage source for an external circuit.
Power and Ground Pins
16, 17
AVDD_H
Analog Supply Voltage for the Various Analog Circuits in the Device. This supply rail can be supplied by
1.8 V to 3.3 V depending on the transmit level configuration. If AVDD_H is 3.3 V, both 1.0 V p-p and
2.4 V p-p transmit operating modes are supported. If AVDD_H is 1.8 V only, only 1.0 V p-p transmit
operating mode is supported. Connect 0.1 μF and 0.01 μF capacitors to GND as close as possible to
this pin.
22
AVDD_L
Analog Supply Voltage for the Internal LDO Circuits. This supply rail can be supplied by 1.8 V to 3.3
V. AVDD_L can be connected direct to the AVDD_H rail in long reach applications or to an alternative
lower voltage rail when the device is configured with dual supplies for lower power consumption.
Connect 0.1 μF and 0.01 μF capacitors to GND as close as possible to this pin.
23
DLDO_1P1
Digital Core 1.1 V Power Supply Output Pin. Connect a 0.68 μF capacitor to GND as close as possible
to the pin. When using the internal LDO regulator, connect this pin directly to the DVDD_1P1 pin.
24
DVDD_1P1
Input Pin for 1.1 V DVDD_1P1 Supply Rail. When using the internal LDO regulator, connect this pin
directly to the DLDO_1P1 pin. Alternatively, an external 1.1 V rail can be provided to the pin for greater
power efficiency. Connect a 0.1 μF capacitor to GND as close as possible to the pin.
35
VDDIO
3.3 V, 2.5 V, or 1.8 V Digital Power for SPI. Connect 0.1 μF and 0.01μF capacitors to GND as close as
possible to the pin.
EP
Exposed Pad. This GND paddle must be connected to ground. The LFCSP package has an exposed
pad that needs to be connected to GND for electrical reasons and must be soldered to a metal plate on
the PCB for mechanical reasons. A 4 × 4 array of thermal vias beneath the exposed GND pad is also
recommended.
Other Pins
10, 11, 18, 21, 28, 32, 34, 36,
39
DNC
Do Not Connect. These pins must be left open circuit.
26
TEST1
This pin requires a 1.5 kΩ pull-up resistor to VDDIO.
27
TEST2
This pin must be left open circuit.
1 Where a pin is shared between a functional signal and a hardware pin configuration, the hardware pin configuration signal is listed last and the pin is referred to using the
functional signals name throughout the data sheet.
2 All of the hardware configuration pins have internal pull-down resistors. The default mode of operation without any external resistors connected to these pins is shown in
Table 11. If an alternative mode of operation is required, use 4.7 kΩ pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com