Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
Data Sheet
ADIN1110
ON-CHIP DIAGNOSTICS
analog.com
Rev. B | 23 of 107
FRAME GENERATOR AND CHECKER
The ADIN1110 can be configured to generate frames and to check
received frames (see Figure 12). The frame generator and checker
can be used independently to generate frames or check frames,
or the frame generator and checker can be used together to
simultaneously generate frames and check frames. If frames are
looped back at the remote end, the frame checker can be used to
check frames generated by the ADIN1110.
When the frame generator is enabled, the source of the data for the
PHY comes from the frame generator and not the MAC.
The frame generator control registers configure the type of frames
to be sent (for example, random data, all 1s), the frame length, and
the number of frames to be generated.
The generation of the requested frames starts by enabling the
frame generator (FG_EN). When the generation of the frames
completes, the frame generator done bit is set (FG_DONE).
The frame checker is enabled using the frame checker enable
bit (FC_EN). The frame checker can be configured to check and
analyze received frames from either the MAC interface or the PHY,
which is configured using the frame checker transmit select bit
(FC_TX_SEL). The frame checker reports the number of frames
received, CRC errors, and various other frame errors. The frame
checker frame counter register and frame checker error counter
register count these events.
The frame checker counts the number of CRC errors and these are
reported in the receive error counter register (RX_ERR_CNT). To
ensure synchronization between the frame checker error counter
and frame checker frame counters, all of the counters are latched
when the receive error counter register is read. Therefore, when
using the frame checker, read the receive error counter first, and
then read all other frame counters and error counters. A latched
copy of the receive frame counter register is available in the
FC_FRM_CNT_H register and FC_FRM_CNT_L register.
In addition to CRC errors, the frame checker counts frame length
errors, frame alignment errors, symbol errors, oversized frames
errors, and undersized frame errors. In addition to the received
frames, the frame checker counts frames with an odd number of
nibbles in the frame, and counts packets with an odd number of
nibbles in the preamble. The frame checker also counts the number
of false carrier events, which is a count of the number of times the
bad start of the stream delimiter (bad SSD) state is entered.
Frame Generator and Checker Used with
Remote Loopback with Two MAC-PHYs
Using two MAC-PHY devices, the user can configure a convenient
self contained validation of the PHY core to PHY core connection,
or can exercise the full signal chain by using the host processor
to perform the loopback at the remote end. Figure 12 shows an
overview of how each MAC-PHY is configured. An external cable
is connected between both devices, and MAC-PHY 1 is generating
frames using the frame generator.
When limiting the test to just the PHY core portions of the
ADIN1110, MAC-PHY 2 has MAC interface remote loopback en-
abled (MAC_IF_REM_LB_EN). The frames issued by MAC-PHY
1 are sent through the cable, through the PHY 2 signal chain
returned by the PHY 2 MAC interface remote loopback, back again
through the cable, and checked by the MAC-PHY 1 frame checker.
Alternatively, the frames from MAC-PHY 1 can be sent all the way
to the host processor of the remote device and looped back from
there, through the MAC and PHY blocks within MAC-PHY 2, and
back to MAC-PHY 1.
Figure 12. Remote Loopback Used Across Two PHYs for Self Check Purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com