Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
Data Sheet
ADIN1110
THEORY OF OPERATION
analog.com
Rev. B | 12 of 107
The ADIN1110 is a low power, single port 10 Mb/s Ethernet MAC-
PHY device, compliant with the IEEE 802.3cg Ethernet standard for
long reach, 10 Mbps single pair Ethernet.
The ADIN1110 integrates the following features:
►
10BASE-T1L Ethernet PHY core and MAC with all the associat-
ed common analog circuitry
►
Input and output clock buffering
►
SPI and subsystem registers
►
Control logic to manage the reset and clock
►
Hardware configuration pins
►
Two configurable LED pins
POWER SUPPLY DOMAINS
The ADIN1110 has four power supply domains and requires a
minimum of one supply rail, as follows:
►
AVDD_H is the analog power supply input for the analog front
end (AFE) circuitry in the ADIN1110.
►
AVDD_L is the analog supply voltage for the internal LDO
circuits. AVDD_L can be connected to the AVDD_H rail when
in single supply mode, or to an alternative lower voltage rail
when the device is configured with dual supplies for lower power
consumption.
►
DVDD_1P1 is the 1.1 V digital core power supply input.
DVDD_1P1 can operate from an internal 1.1 V LDO output com-
ing from the DLDO_1P1 pin to the DVDD_1P1 pin. Alternatively,
DVDD_1P1 can be driven from an external 1.1 V supply for
greater power efficiency.
►
VDDIO enables the SPI voltage supply to be configured inde-
pendently of the other circuitry on the ADIN1110. VDDIO can be
connected directly to the AVDD_L rail.
In a single supply application, connect AVDD_H = AVDD_L =
VDDIO and use the internal 1.1 V LDO circuit for DVDD_1P1. The
appropriate supply voltage used depends on the end application
and cable length. For long reach/trunk applications, the higher
transmit amplitude of 2.4 V p-p requires AVDD_H = 3.3 V, whereas
spur applications can use a lower transmit amplitude of 1.0 V p-p
with an AVDD_H = 1.8 V.
ANALOG FRONT END
The AFE stage consists of a hybrid stage, 9-level DAC, line driver,
analog receive filter, input buffer, and ADC.
The line driver transmits the signal onto the line via the MDI inter-
face pins, TXP and TXN. The hybrid stage subtracts the transmitted
signal from the received signal on the MDI pins, allowing full duplex
operation on the single-pair cable.
The received signal then goes through the analog receive filter and
reaches the input buffer before sending it to the ADC.
MAC
The MAC included in the ADIN1110 supports 16 different MAC
addresses. The MAC also has one low priority receive first in, first
out (FIFO), one high priority receive FIFO and one transmit FIFO.
These FIFOs can ship data in store and forward mode when using
the generic SPI protocol, and in either store and forward or cut
through mode when using the OPEN Alliance protocol.
A generic version and OPEN Alliance version of the SPI protocol
are available. The data is transferred over the SPI half duplex using
the generic SPI protocol and full duplex using the OPEN Alliance
SPI protocol. See the MAC SPI section.
Interrupt (INT)
The ADIN1110 is capable of generating an interrupt to a host pro-
cessor using the INT pin in response to a variety of user selectable
conditions. The following conditions can be selected to generate an
interrupt:
►
Link status change
►
Receive FIFO data available
►
Frame transmit complete or transmit space available
►
Time stamp captured
►
Operation error detected
►
PHY related interrupts
When an interrupt occurs, the system can poll the MAC status
registers (STATUS0 and STATUS1) to determine the origin of the
interrupt.
TRANSMIT AMPLITUDE CONFIGURATION
The ADIN1110 supports two transmit amplitude modes of operation
as follows:
►
1.0 V p-p and 2.4 V p-p mode (high level)
►
1.0 V p-p only mode
The high level transmission mode allows the ADIN1110 to support
both voltage levels. The operating level can then be automatically
configured during autonegotiation (if enabled) based on the link
partner capabilities. Note that in high level transmit operating mode,
AVDD_H must be supplied with 2.4 V or higher for the device to
work properly.
The mode of operation is configured through the TX2P4_EN hard-
ware configuration pin (see the Transmit Amplitude section). The
ADIN1110 also configures the default value of the transmit level
register bits used for the autonegotiation process based on the level
configured on that pin.
The ADIN1110 is configured in high level transmit operating mode
by default if the TX2P4_EN pin is left floating (internal pull-down
resistor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com