Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 129 page
background image
Data Sheet
ADIN2111
BRINGING UP 10BASE-T1L LINKS
analog.com
Rev. A | 25 of 129
OVERVIEW
The Unmanaged PHY Operation section and Managed PHY Oper-
ation section provide some recommendations on how to bring a
link up between the ADIN2111 and a remote link partner. These
sections cover various configurations, and some may not be rele-
vant to the intended application. Refer to the Theory of Operation
section for more detailed explanations.
UNMANAGED PHY OPERATION
For an unmanaged PHY where there is no control of the ADIN2111
over the management interface, the hardware configuration pins
determine the operating mode for each PHY (see the Hardware
Configuration Pins section). In this context, the device is configured
to run in cut through mode (Port 1 to Port 2 forwarding)
The Disable Software Power-Down Mode After Reset section and
Set Transmit Amplitude Level section describe the steps required to
bring up a link in unmanaged applications.
Disable Software Power-Down Mode After
Reset
Software power-down mode after reset can be disabled for PHY 1
by asserting the P1_SWPD_EN (respectively P2_SWPD_EN) pin
signal high during power-up, hardware reset, or software reset, so
that PHY 1 does not enter software power-down mode when it exits
reset.
Software power-down mode after reset is disabled on PHY 2 by
default (due to the internal pull-up resistor).
See the Software Power-Down After Reset section for details on
how to configure the software power-down after reset function.
Set Transmit Amplitude Level
The P1_TX2P4_EN (respectively P2_TX2P4_EN) pin signal config-
ures the PHY 1 (respectively PHY 2) to advertise the support of
both 1.0 V p-p and 2.4 V p-p transmit level operation, or to only
advertise support of the 1.0 V p-p transmit level operation.
By default, PHY 1 and PHY 2 are configured to support 1.0 V p-p
and 2.4 V p-p transmit levels (due to the internal pull-down resistor).
Assert the relevant pin high or low to disable the support for the 2.4
V p-p transmit level on the relevant port.
See the Transmit Amplitude section for details on how to configure
the transmit amplitude level.
MANAGED PHY OPERATION
In a managed PHY application, a host controller such as a micro-
controller is used to configure the ADIN2111 operation in software
via the SPI interface.
Similar to the unmanaged PHY operation, the hardware configura-
tion pins can be used to set up the controlled ADIN2111 (see the
Unmanaged PHY Operation section for details). Alternatively, the
hardware configuration pins can directly be controlled by the host
(for example, GPIO) via an external pull-up or pull-down resistor or
both.
In managed applications, the software power-down after reset can
be enabled. The ADIN2111 stays in software power-down mode
until the software has configured the PHY to be active. When
active, the PHY can start autonegotiation and try to bring up a link.
Power-Up and Reset Complete
A typical way for software to verify that the device has completed
the power-up and reset sequence and is available for normal
operation is to read the management register that has the IEEE or-
ganizationally unique identifier (OUI), model, and revision numbers.
The value of this register is unique to each PHY vendor and is a
nonzero value. If the device has not completed the power-up, the
value does not read properly. In legacy BASE-T PHYs, this value
is at management interface Register Address 0x2 and Register
Address 0x3.
In the ADIN2111, the OUI, model number, and revision numbers
can be read from the PHY identification register (PHYID). If the
reset value of the register (0x283BCA1) can be read, the device
exited reset and is ready for configuration. These fields can also
be read at Device Address 0x1F Clause 45 only), Register Address
0x2, and Register Address 0x3 (Clause 22 and Clause 45).
The OUI Bits[3:18] are located in the Vendor Specific MMD 1
device identifier high register (MMD1_DEV_ID1).
The OUI Bits[19:24] (MMD1_DEV_ID2_OUI), the model number
Bits[6:0] (MMD1_MODEL_NUM), and the revision number Bits[6:0]
(MMD1_REV_NUM) are located in the Vendor Specific MMD 1
device identifier low register (MMD1_DEV_ID2).
Table 23. ADIN2111 Unique Identifier Values
Description
Bit Name
Value
Organizationally Unique Identifier,
Bits[3:18]
MMD1_DEV_ID1
0x283
Organizationally Unique Identifier,
Bits[19:24]
MMD1_DEV_ID2_OUI
0x2F
Model Number, Bits[6:0]
MMD1_MODEL_NUM
0x8
Revision Number, Bits[6:0]
MMD1_REV_NUM
0x1
When a valid read of the IEEE OUI is done, the system ready
bit (CRSM_SYS_RDY) in the system status register (CRSM_STAT)
can also be read to verify that the start-up sequence is complete
and the system is ready for normal operation.
The software power-down status bit (CRSM_SFT_PD_RDY) in the
system status register (CRSM_STAT) is accessible on each PHY
and can be read to check if the relevant PHY is in the software
power-down state. This bit is also controlled by the P1_SWPD_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com