Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 129 page
background image
Data Sheet
ADIN2111
SWITCH SPI
analog.com
Rev. A | 48 of 129
space available as indicated by the transmit credit field (TXC) of
the previous data footer. In this condition, the ADIN2111 ignores
the transmit data chunk and sets the host transmit FIFO overflow
bit, and the frame data already in the buffer is dropped.
►
Transmit buffer under run. This error can only occur in cut
through mode. The SPI host must always send frame data to
the ADIN2111 faster than the network to avoid this error. When
this error occurs, the host transmit FIFO under run error bit is
set, and the ADIN2111 terminates the frame being transmitted
in a way that invalidates the frame. Additionally, the ADIN2111
ignores any additional frame data received from the SPI host
until it receives an end of frame indication (EV = 1).
►
Loss of framing error. This error occurs when the CS signal
is deasserted before the expected end of the data chunk or
control command. When this error occurs, any transmit frame in
progress is dropped, and any receive frame in progress of being
sent to the SPI host is terminated.
►
Receive buffer overflow. This error occurs when the SPI host
does not read frame data from the ADIN2111 fast enough. This
error can occur both in store and forward and cut through modes.
When this error occurs, the ADIN2111 terminates the frame
being received from the internal PHYs. In store and forward
mode, no portion of the frame is transferred to the SPI host. In
cut through mode, the ADIN2111 terminates the frame (EV = 1)
with frame drop set (FD = 1).
►
Control data protection error. The control data protection error
(CDPE) and the loss of frame error (LOFE) bits assert when
protection is enabled on the OPEN Alliance SPI and there is an
error on write data received from the host. The write does not
complete in this case. If possible, the software executes the write
again. If software does not know which configuration register
was written, the device may not be configured properly. In this
case, reset the ADIN2111 MAC by writing the RST_MAC_ONLY
keys to the software reset register.
SPI Access to the PHY Registers
The ADIN2111 provides indirect access to the two PHY manage-
ment registers via the internal SPI to MDIO bridge. The eight
MDIOACCn registers in the SPI register map are used to access
the PHY management registers. Each MDIOACCn register corre-
sponds to an MDIO transaction.
The MDC default speed is 2.5 MHz. Either a 2.5 MHz or 4.166 MHz
management data clock (MDC) frequency can be selected via the
MSPEED bits in the CONFIG2 register.
The MDIO master polls the TRDONE bits of the eight MDIOACCn
registers in round robin mode. When the MDIO master detects that
one of the TRDONE fields is 0, the MDIO master starts an MDIO
transaction. When the MDIO transaction completes, the TRDONE
bits are set to 1, and the master proceeds to check the TRDONE
bits of the next MDIOACCn register.
Each of the two PHYs has a fixed MDIO PHY address, as follows:
►
PHY 1 MDIO address: 0x1
►
PHY 2 MDIO address: 0x2
Note that MDIO_DEVAD is always written with the device ID of
the register being accessed. MDIO_PRTAD is set to the respective
PHY MDIO address, and MDIO_ST is written to 0x0 for Clause 45
access (this applies to all of the following Clause 45 examples).
MDIO PHY Address Determination
The ADIN2111 allows access to the two PHY registers via an SPI to
MDIO master bridge.
Each of the two PHYs has a fixed MDIO PHY address, as follows:
►
MDIO PHY Address 1: PHY 1
►
MDIO PHY Address 2: PHY 2
Clause 45 MDIO Operation Examples
Example write to PHY 1 Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = the address of Regis-
ter XYZ, MDIO_DEVAD = the device ID of Register XYZ,
MDIO_PRTAD = 0x1, MDIO_OP = 0x0(ADDR), MDIO_ST =
0x0, and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_DATA = the value to be written to
Register XYZ, MDIO_OP = 0x1(WR) and TRDONE = 0x0.
3. Optionally, poll MDIOACC0. TRDONE = 0x1 to determine that
the write address operation has completed.
4. Poll MDIOACC1. TRDONE = 0x1 to determine that the write
data operation completed.
Example read of PHY 1 Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = the address of Register
XYZ, MDIO_OP = 0x0(ADDR), and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_OP = 0x3(RD) and TRDONE =
0x0.
3. Poll MDIOACC1. TRDONE = 0x1 to determine that the write
data operation completed. MDIOACC1. MDIO_DATA reflects
the content of MDIO Register XYZ.
Example write operation followed by a read to verify the write
operation:
1. Write MDIOACC0 with MDIO_DATA = the address of register
ABC and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_DATA = the value to be written to
register ABC, MDIO_OP = 0x1(WR), and TRDONE = 0x0.
3. Write MDIOACC2 MDIO_OP = 0x3(RD) and TRDONE = 0x0.
4. Poll MDIOACC2. TRDONE = 0x1 to verify that all operations
completed. MDIO_DATA reflects the content of register ABC.
Example of four consecutive writes. It is possible to write a com-
mand to all eight registers before checking any.
1. Write MDIOACC0 with MDIO_DATA = the address of Register
ABC and TRDONE = 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com