Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 82 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 129 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. A | 82 of 129
P2 MAC Receive Register
Address: 0xC1, Reset: 0x00000000, Name: P2_RX
The receive FIFO is read via this register. It is possible to burst read data from the Rx FIFO over SPI.
Table 125. Bit Descriptions for P2_RX
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RDR
Receive Data Register. This field is only used with the generic SPI protocol. Reading this register returns the four
bytes at the top of the receive FIFO and pops these four bytes from the FIFO. The upper 8 bits contain the first
byte, the next 8 bits contain the second byte, and so on. When a complete frame is read out, no further data is
returned from the Port 2 Rx FIFOs until the P2_RX_FRM_SIZE register is read first.
0x0
R
P2 Rx Frame Count Register
Address: 0xD0, Reset: 0x00000000, Name: P2_RX_FRM_CNT
Table 126. Bit Descriptions for P2_RX_FRM_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_FRM_CNT
Rx Frame Count. This register increments for received good and bad frames.
0x0
R
P2 Rx Broadcast Frame Count Register
Address: 0xD1, Reset: 0x00000000, Name: P2_RX_BCAST_CNT
Table 127. Bit Descriptions for P2_RX_BCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_BCAST_CNT
Rx Broadcast Frame Count. This counter increments for received good and bad frames.
0x0
R
P2 Rx Multicast Frame Count Register
Address: 0xD2, Reset: 0x00000000, Name: P2_RX_MCAST_CNT
Table 128. Bit Descriptions for P2_RX_MCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_MCAST_CNT
Rx Multicast Frame Count. This counter increments for received good and bad frames.
0x0
R
P2 Rx Unicast Frame Count Register
Address: 0xD3, Reset: 0x00000000, Name: P2_RX_UCAST_CNT
Table 129. Bit Descriptions for P2_RX_UCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_UCAST_CNT
Rx Unicast Frame Count. This counter increments for received good and bad frames.
0x0
R
P2 Rx CRC Errored Frame Count Register
Address: 0xD4, Reset: 0x00000000, Name: P2_RX_CRC_ERR_CNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com