Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 129 page
background image
Data Sheet
ADIN2111
ON-CHIP DIAGNOSTICS
analog.com
Rev. A | 33 of 129
Fault Detection with the TDR Engine
The Analog Devices algorithm has a time resolution of 8.3 ns,
which translates to a length resolution of less than 1 m and a
maximum of 1600 m, with an accuracy of 2%.
This fault detector algorithm is capable of finding open and short
fault conditions even when the ADIN2111 is physically connected
to another PHY through their MDI, which implies that the link
partner PHY is potentially transmitting DME pages. Traditional TDR
methods struggle to find faults if other signal sources or noise is
also present in the same link. This is not the case of the Analog
Devices solution, which makes it suitable for debugging when there
is no control over the remote end.
The fault detector algorithm is provided as a C-code library con-
taining the high-level functions required for diagnostics. These func-
tions have been optimized to not utilize any advanced processing
so that they can be executed by any low-power microcontroller.
A single function call is sufficient to execute the fault detector. The
function returns the type of fault and the distance to the fault in
meters from the MDI connector.
TDR Offset Calibration
The library includes a function to calibrate the offset of the TDR
measurement. This particular function in the library is useful given
that different MDI circuits may introduce variable delays in the
signal path, which can contribute to the offset of the length meas-
urement. For instance, an isolation transformer on the MDI is highly
likely to introduce a signal delay that corresponds to a couple of
meters in length.
This calibration is not required to run the fault detector, and an
average value is provided by default. However, it is recommended
for short cables if accuracy is required. If this calibration is required,
it can be done once in the lab for a specific MDI circuit implementa-
tion, and the offset value can then be stored in nonvolatile memory
for future use.
To perform this calibration, the MDI port must be left open or
shorted. No load or cable can be connected to the MDI port.
Cable Calibration
By default, the algorithm is optimized to support long reach cables
compliant with the IEEE 802.3cg standard. However, given the
wide variety of cable types, which have different insertion loss,
return loss, and signal delay characteristics, the library includes
a calibration function that optimizes the algorithm to operate with
any cable, and estimates its nominal velocity of propagation (NVP)
for more accurate length estimations. The length accuracy mainly
depends on the accuracy of the NVP value.
To run this calibration, a cable with a known length must be attach-
ed to the MDI port, and its end must be left open or shorted. NVP
values are generally between 0.5 and 0.9 and are a property of
the construction of the cable. In general, an average NVP value of
approximately 0.65 can be assumed. This calibration is not required
to run the fault detector, unless higher length accuracy is needed
or if nonstandard cables are utilized. This calibration can be done
once in the laboratory for a given cable, and the values can be
stored in nonvolatile memory.
Refer to the C-code driver for more information related to the usage
of these functions.
Length/Distance to Fault Accuracy
The accuracy of the distance to a fault, or length measurements,
mainly depends on the NVP value, which is determined by the
accuracy of the cable length used to perform the NVP calibration.
Table 26 provides results for induced faults and distance-to-fault
measurements for different cables and lengths. In all cases, the al-
gorithm was successful finding the open or short conditions induced
during the test. The NVP value for the Profibus PA cable used in
this test was roughly estimated, and the same was used for the
Cat5E and Cat6 cables.
Table 26. Length Estimation Error for Different Cables
Cable Type
Estimated
Length (m)
Length
Error (%) Note
Fieldbus Type A - AWG 18
50.2
0.7
NVP calibrated
Fieldbus Type A - AWG 18
102.1
2.1
NVP calibrated
Fieldbus Type A - AWG 18
403.4
0.8
NVP calibrated
Fieldbus Type A - AWG 18
807.6
0.8
NVP calibrated
Fieldbus Type A - AWG 18
1045.3
1.0
NVP calibrated
Fieldbus Type A - AWG 18
1462.9
2.0
NVP calibrated
Cat5E
133.1
2.4
NVP not calibrated
Cat5E
244.4
1.8
NVP not calibrated
Cat6
73.6
5.1
NVP not calibrated
Cat6
137.2
5.6
NVP not calibrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com