Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5073 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5073
Description  VCXO Module ICs with Built-in Varicap
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5073 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5073 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CF5073 series
NIPPON PRECISION CIRCUITS INC.—2
PAD LAYOUT
(Unit: µm)
PAD DESCRIPTION AND DIMENSIONS
Chip size: 1.24
× 1.4mm
Chip thickness: 300 ± 30µm
Chip base: VDD potential
Pad No.
Name
I/O
Description
Function
Pad dimensions [µm]
XY
1VC
I
Oscillation frequency control
voltage input pin
Positive polarity (frequency increases with
increasing voltage)
134
915
2
INHN
I
Output state control voltage
input pin
High-impedance output when LOW, pull-up
resistor built-in
137
295
3
VSS
–
(
−) supply pin
458
137
4
Q
O
Output pin
Output frequency determined by internal
circuit to one of fO, fO/2, fO/4, fO/8, fO/16, fO/32
1086
155
5
VDD
–
(+) supply pin
1106
772
6
XT
I
Amplifier input pin
Crystal connection pins.
Crystal is connected between XT and XTN.
829
1263
7
XTN
O
Amplifier output pin
416
1260
XT
VC
(0,0)
(1240,1400)
HA5073
XTN
INHN
VSS
Q
VDD
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com