Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5073 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # CF5073
Description  VCXO Module ICs with Built-in Varicap
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5073 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button CF5073 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CF5073 series
NIPPON PRECISION CIRCUITS INC.—12
MEASUREMENT CIRCUITS
Measurement Circuit 1
Measurement Circuit 2
Measurement Circuit 3
Measurement Circuit 4
Measurement Circuit 5
Measurement Circuit 6
XT input signal: 2.5Vp-p, 10MHz, sine wave
C1 = 0.001µF, R1 = 50
Ω, R2 = 417Ω, R3 = 434Ω, VC = 1.65V
VC = 1.65V, INHN = open, crystal oscillation
VC = 1.65V
Signal
Generator
VDD
VSS
XT
Q
R1
R2
R3
VOH
0V
Q output
VDD
VDD
VOL
Q output
0V
When
measuring VOL
When
measuring VOH
C1
VC
VDD
VSS
XT
Q
X'tal
XTN
A
INHN
VC
VDD
VSS
A
INHN
VC
IRUP
RUP =
VDD
IRUP
XT input signal: 2.5Vp-p, 10MHz, sine wave
C1 = 0.001µF, R1 = 50
Ω, VC = 1.65V
VC = 1.65V
VDD
VSS
A
XTN
IRB1
VC
RB1 =
VDD
IRB1
Signal
Generator
VDD
VSS
XT
Q
R1
C1
VC
INHN
VDD
VSS
A
Q
VC
INHN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com