Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5073 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5073
Description  VCXO Module ICs with Built-in Varicap
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5073 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5073 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CF5073 series
NIPPON PRECISION CIRCUITS INC.—1
VCXO Module ICs with Built-in Varicap
OVERVIEW
The CF5073 series are VCXO ICs with built-in varicap diode. They use a recently developed negative-resis-
tance switching oscillation circuit, at oscillation startup and during normal oscillation, for both good oscilla-
tion startup characteristics and wide pullrange. Furthermore, it employs a CMOS process varicap diode, and
also features all the necessary VCXO structure circuit components on a single chip, forming a VCXO module
with just the connection of an external crystal.
FEATURES
I
3.0 to 3.6V supply voltage range
I
10MHz to 60MHz operating frequency
(varies with version)
I
Uses negative-resistance switching function
I
Varicap diode built-in
I
Frequency divider built-in (varies with version: fO,
fO/2, fO/4, fO/8, fO/16, fO/32)
I
CMOS output level
I
50 ± 10% output duty
I
6mA (min) output drive capability
I
15pF output load capacitance CL
I
Standby function
(high impedance in standby mode)
I
Chip form (CF5073
××)
SERIES LINEUP
APPLICATIONS
I
VCXO modules
I
Communications application
I
Networking application
I
Broadcasting application
ORDERING INFORMATION
Version
Typical oscillation
frequency1 [MHz]
1. The typical oscillation frequency is the oscillation frequency criteria for use when selecting the device version. Note that the oscillation
characteristics and pullability vary with the crystal used and the mounting conditions. Even for the same frequency, the optimal version can vary
with crystal characteristics, so careful evaluation should be exercised when selecting the device version.
Output frequency
CF5073
×1
CF5073
×22
2. These versions are produced after receiving a purchase order. Please ask our Sales & Marketing section for further detail.
CF5073
×32
CF5073
×42
CF5073
×52
CF5073
×62
CF5073A
×
16
fO
fO/2
fO/4
fO/8
fO/16
fO/32
CF5073B
×
23
CF5073C
×
30
CF5073D
×
37
CF5073E
×
44
CF5073F
×
51
Device
Package
CF5073
××−1
Chip form


Similar Part No. - CF5073

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
155MHz VCXO Module IC
CF5072BA-1 NPC-CF5072BA-1 Datasheet
100Kb / 8P
155MHz VCXO Module IC
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
VCXO Module IC with Built-in Varicap
CF5074A-1 NPC-CF5074A-1 Datasheet
84Kb / 9P
VCXO Module IC with Built-in Varicap
CF5074A-3 NPC-CF5074A-3 Datasheet
84Kb / 9P
VCXO Module IC with Built-in Varicap
More results

Similar Description - CF5073

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
Clock Generator With Built-in VCXO
logo
Torex Semiconductor
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
ICs for use with Crystal Oscillators (PLL built-in)
logo
Nippon Precision Circui...
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
VCXO Module IC with Built-in Varicap
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
VCXO ICs with Built-in Varicap
logo
Torex Semiconductor
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
ICs for use with Crystal Oscillators (PLL built - in)
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
5075 NPC-5075 Datasheet
308Kb / 14P
VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
VCXO Module IC with Built-in Varicap
logo
Rohm
BD8132FV ROHM-BD8132FV_09 Datasheet
601Kb / 21P
High-precision Gamma Correction ICs with built-in DAC
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
ICs for use with Crystal Oscillators (PLL built - in)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com