Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5073 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # CF5073
Description  VCXO Module ICs with Built-in Varicap
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5073 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button CF5073 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CF5073 series
NIPPON PRECISION CIRCUITS INC.—11
SWITCHING CHARACTERISTICS
VDD = 3.0 to 3.6V, VC = 1.65V, VSS = 0V, Ta = –40 to +85°C, unless otherwise noted
Current consumption and Output waveform with NPC’s standard crystal
FUNCTIONAL DESCRIPTION
Standby Function
When INHN goes LOW, the Q output pin becomes high impedance.
Parameter
Symbol
Conditions
Rating1
1. The switching characteristics apply for normal output waveforms. Note that, depending on the matching of the CF5073 series version and crystal,
normal waveform output may not be continuous.
Unit
Min
Typ
Max
Output rise time
tr1
Measurement circuit 2, load circuit 1,
0.1VDD → 0.9VDD, CL = 15pF
–
2.5
6
ns
Output fall time
tf1
Measurement circuit 2, load circuit 1,
0.9VDD → 0.1VDD, CL = 15pF
–
2.5
6
ns
Output duty cycle
Duty
Measurement circuit 2, load circuit 1,
VDD = 3.3V, Ta = 25°C, CL = 15pF
40
50
60
%
Output disable delay time
tPLZ
Measurement circuit 5, load circuit 1,
VDD = 3.3V, Ta = 25°C, CL ≤ 15pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
INHN
Q
Oscillator
HIGH (or open)
Any fO, fO/2, fO/4, fO/8, fO/16, or fO/32
Operating
LOW
High impedance
Operating
f [MHz]
R1 [
Ω]
L1 [mH]
C1 [fF]
C0 [pF]
30
7.06
2.25
12.5
3.11
L1
C1
R1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com