Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4780 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA4780
Description  RGB video processor with automatic cut-off control and gamma adjust
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4780 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA4780 Datasheet HTML 9Page - NXP Semiconductors TDA4780 Datasheet HTML 10Page - NXP Semiconductors TDA4780 Datasheet HTML 11Page - NXP Semiconductors TDA4780 Datasheet HTML 12Page - NXP Semiconductors TDA4780 Datasheet HTML 13Page - NXP Semiconductors TDA4780 Datasheet HTML 14Page - NXP Semiconductors TDA4780 Datasheet HTML 15Page - NXP Semiconductors TDA4780 Datasheet HTML 16Page - NXP Semiconductors TDA4780 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1997 Feb 06
13
Philips Semiconductors
Preliminary specification
RGB video processor with automatic
cut-off control and gamma adjust
TDA4780
Table 7
RGB processor mode bits control register
SYMBOL
PARAMETER
CONDITIONS
Control register 1
SC5
sandcastle 5 V
0 = 3-level sandcastle pulse
1 = 2-level sandcastle pulse
DELOF
delay of leading edge of
clamping pulse switched off
0 = delay
1 = no delay
BREN
buffer register enable
0 = new data are executed just after reception
1 = data is held in a latch (buffer register) and will be transferred to their
destination register within the next vertical blanking interval; the device
does not acknowledge any new data transfer until the internal transfer to
the destination register has been completed
NMEN
NTSC matrix enable; note 1
0 = PAL matrix
1 = NTSC matrix; hue position set on
−2 degrees
Control register 2
HDTV
HDTV / progressive scan for
ADBL line counter
0 = 272 (PAL), 224 (NTSC) lines
1 = 544 (PAL), 448 (NTSC) lines
FSBL
full screen black level, e.g. for
optical measurement
0 = normal mode
1 = cut-off measurement level during full field, brightness inactive
BCOF
internal black level control off
0 = automatic cut-off control active
1 = RGB outputs clamped to fixed DC levels
FSON2
fast switch 2 on
see Table 4
FSDIS1
fast switch 1 disable
FSDIS2
fast switch 2 disable
FSON1
fast switch 1 on
Control register 3
ADBL
adaptive black
0 = off
1=on
YHI
Y high level
0 = input = 0.315 V (p-p) (black-white)
1 = input = 1.0 V (p-p) (black-white)
MOD2
modus 2
0 = inactive;
(BCOF = 0) AND (MOD2 = 1) is senseless, no output stabilization
1 = output clamp without brightness adjust, brightness remains active
e.g. for blue stretch
BLST
blue stretch
0 = off
1=on
YEXH
Y exclusive hue
0 = pin 26 is switched to hue adjust output
1 = pin 26 is switched to Y output
RELC
relative to cut-off
0 = peak drive limit to absolute output
1 = peak drive limit relative to cut-off
TCPL
time constant peak drive limiter 0 = 2fH
1=1fH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com