Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4780 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA4780
Description  RGB video processor with automatic cut-off control and gamma adjust
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4780 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA4780 Datasheet HTML 14Page - NXP Semiconductors TDA4780 Datasheet HTML 15Page - NXP Semiconductors TDA4780 Datasheet HTML 16Page - NXP Semiconductors TDA4780 Datasheet HTML 17Page - NXP Semiconductors TDA4780 Datasheet HTML 18Page - NXP Semiconductors TDA4780 Datasheet HTML 19Page - NXP Semiconductors TDA4780 Datasheet HTML 20Page - NXP Semiconductors TDA4780 Datasheet HTML 21Page - NXP Semiconductors TDA4780 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
1997 Feb 06
18
Philips Semiconductors
Preliminary specification
RGB video processor with automatic
cut-off control and gamma adjust
TDA4780
CHARACTERISTICS
VP =8V; Tamb = +25 °C; Vnom: nominal signal amplitude (black-white) 2 000 mV (peak-to-peak value) at output pins;
gamma = 1; adaptive black inactive; brightness, contrast, saturation and white balance at nominal settings; no beam
current or peak drive limiting; all voltages are related to ground (pin 9) and measured in Figs 1 and 2; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
VP
supply voltage (pin 5)
7.2
8
8.8
V
IP
supply current (pin 5)
−
100
120
mA
Colour-difference inputs (
−(B − Y): pin 6, −(R − Y): pin 7; capacitively coupled to a low-ohmic source;
recommendation: maximum 600
Ω)
V6(p-p)
−(B − Y) signal (peak-to-peak value)
75% colour bar signal
−
1.33
−
V
V6, 7
internal bias during clamping
−
4.0
−
V
I6, 7
DC input current between clamping
pulses
−−
0.1
µA
I6, 7
maximum input current during clamping
100
180
260
µA
V7(p-p)
−(R − Y) signal (peak-to-peak value)
75% colour bar signal
−
1.05
−
V
R6, 7
AC input resistance
10.0
−−
M
Ω
Y input (pin 8; capacitively coupled to a low-ohmic source; recommendation: maximum 600
Ω)
V8(p-p)
input signal (composite signal; VBS;
peak-to-peak value)
adaption to two
different signal levels
via control bit YHI
YHI = 0
−
0.45
−
V
YHI = 1
−
1.43
−
V
R8
AC input resistance
10.0
−−
M
Ω
V8
internal bias during clamping
YHI = 0
−
3.7
−
V
YHI = 1
−
4.6
−
V
I8
DC input current between clamping
pulses
−−
0.1
µA
I8(max)(clamp)
maximum input current during clamping
100
180
260
µA
RGB input 1 (R1: pin 10, G1: pin 11, B1: pin 12; capacitively coupled to a low-ohmic source;
recommendation: maximum 600
Ω); note 1
V10, 11, 12(p-p)
input signal (peak-to-peak value)
−
0.7
−
V
R10, 11, 12
AC input resistance
10.0
−−
M
Ω
V10, 11, 12
internal bias during clamping
−
5.1
−
V
I10, 11, 12
DC input current between clamping
pulses
−−
0.1
µA
I10, 11, 12(clamp)
maximum input current during clamping
100
180
260
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com