Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4780 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA4780
Description  RGB video processor with automatic cut-off control and gamma adjust
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4780 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA4780 Datasheet HTML 22Page - NXP Semiconductors TDA4780 Datasheet HTML 23Page - NXP Semiconductors TDA4780 Datasheet HTML 24Page - NXP Semiconductors TDA4780 Datasheet HTML 25Page - NXP Semiconductors TDA4780 Datasheet HTML 26Page - NXP Semiconductors TDA4780 Datasheet HTML 27Page - NXP Semiconductors TDA4780 Datasheet HTML 28Page - NXP Semiconductors TDA4780 Datasheet HTML 29Page - NXP Semiconductors TDA4780 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
1997 Feb 06
26
Philips Semiconductors
Preliminary specification
RGB video processor with automatic
cut-off control and gamma adjust
TDA4780
Threshold 3 (TH3)
I16(3)(max)(dch)
maximum discharge current
TH3 = MX + VLiL;
undelayed
0.45
0.6
0.75
mA
S
steepness
−
1.5
−
mA/V
CHARGE CURRENT
I16
charge current
−2
−1
−0.5
µA
V16
start of contrast reduction
−
4
−
V
∆V16
input range for full contrast reduction
−−2
−
V
V16
start of brightness reduction
−
2.5
−
V
∆V16
input range for full brightness reduction
−−1.6
−
V
V16(max)
maximum voltage by internal limitation
4.5
−−
V
Hue adjust output (pin 26); note 14
Vo26(min)
minimum output voltage
YEXH = 0; I2C-bus
data 00H
0.5
−
1.0
V
Vo26(nom)
nominal output voltage
YEXH = 0; I2C-bus
data 20H
3.0
3.2
3.4
V
Vo26(max)
maximum output voltage
YEXH = 0; I2C-bus
data 3FH
4.8
−
5.6
V
I26
current of internal emitter follower
500
700
−µA
I2C-bus inputs
f28
clock frequency range
0
−
100
kHz
tSU;DAT
data set-up time
250
−−
ns
tH
clock pulse HIGH
4
−−
µs
tL
clock pulse LOW
4.7
−−
µs
tr
rise time
−−
1
µs
tf
fall time
−−
0.3
µs
Input levels (pins 27 and 28)
VIL
LOW level input voltage
−−
1.5
V
VIH
HIGH level input voltage
3.0
−
5.5
V
II
input current
V27 and V28 = 0.4 V
−10
−−
µA
V27 and V28 = 0.9VP
−−
10
µA
Output level (pin 27)
VOL
LOW level output voltage
−−
0.4
V
IO
output current
V27 = 0.4 V
3.0
−−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com