Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4780 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA4780
Description  RGB video processor with automatic cut-off control and gamma adjust
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4780 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA4780 Datasheet HTML 17Page - NXP Semiconductors TDA4780 Datasheet HTML 18Page - NXP Semiconductors TDA4780 Datasheet HTML 19Page - NXP Semiconductors TDA4780 Datasheet HTML 20Page - NXP Semiconductors TDA4780 Datasheet HTML 21Page - NXP Semiconductors TDA4780 Datasheet HTML 22Page - NXP Semiconductors TDA4780 Datasheet HTML 23Page - NXP Semiconductors TDA4780 Datasheet HTML 24Page - NXP Semiconductors TDA4780 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1997 Feb 06
21
Philips Semiconductors
Preliminary specification
RGB video processor with automatic
cut-off control and gamma adjust
TDA4780
DIFFERENCES OF BLACK LEVEL STEPS (DIFFERENCES FROM CHANNEL TO CHANNEL OF THE RATIO OF THE DIFFERENCE
(BLACK LEVEL CUT-OFF MEASUREMENT LEVEL) TO ACTUAL NOMINAL SIGNAL AMPLITUDE (V
NOM
24,VNOM22,VNOM20) OVER THE
WHOLE CONTRAST
, BRIGHTNESS AND SATURATION RANGE, SWITCHING MATRIX OR SWITCHING FAST SWITCHES, GAMMA =1,
BLST = 0, ADBL = 0)
∆V/Vnom
static deviation
note 6; ripple on pin 5
during clamping
≤1mV;
note 7
−1.0
−
+1.0
%
at nominal saturation
−0.5
−
+0.5
%
RGB outputs (output for positive RGB signals (R: pin 24, G: pin 2, B: pin 20); following data without external
load)
R24, 22, 20
differential output resistance
−
25
30
Ω
I24, 22, 20(max)
maximum output current
4.0
5.0
−
mA
V24, 22, 20(min)
minimum output voltage
note 8
−−
0.8
V
V24, 22, 20(max)
maximum output voltage
RL ≥ 2kΩ
6.3
7.0
−
V
V24, 22, 20(max)(p-p)
maximum signal amplitude (black-white)
due to internal limits
(peak-to-peak value)
3.3
−−
V
V24, 22, 20(max)(p-p)
nominal signal amplitude (black-white;
peak-to-peak value)
at nominal white adjust,
contrast and saturation
setting; gamma = 1;
nominal input signals
1.7
2.0
2.3
V
V24, 22, 20
cut-off measurement level
note 8
1.0
−
5.0
V
V24, 22, 20
recommended cut-off measurement
level
−
3.0
−
V
OUTPUT CLAMPING (RGB)
V20, 22, 24
clamp voltage black level
control bit BCOF = 1
2.3
2.5
2.7
V
WHITE POTENTIOMETERS
∆Gv(inc)(max)
maximum increase of AC gain
I2C-bus data 3FH;
relative to nominal
setting; note 9
40
50
60
%
∆Gv(dec)(max)
maximum decrease of AC gain
I2C-bus data 00H;
relative to nominal
setting; note 9
40
50
60
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com