Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1937/3 Datasheet(PDF) 1 Page - Alpha Wire

Part # 1937/3
Description  12 (65/30) AWG BC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1937/3 Datasheet(HTML) 1 Page - Alpha Wire

  1937/3 Datasheet HTML 1Page - Alpha Wire 1937/3 Datasheet HTML 2Page - Alpha Wire 1937/3 Datasheet HTML 3Page - Alpha Wire 1937/3 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 1937/3
Construction
Diameter ("in")
1) Component 1
3 x 1 COND
a) Conductor
12 (65/30) AWG BC
0.093
b) Insulation
0.050" Wall, Nom. Neoprene
0.196
(1) Separator
Paper Tape, 10% Overlap (min.)
(2) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
WHITE
3
GREEN
2) Cable Assembly
3 Components Cabled
a) Twists
3.4 Twists/ft. (min.)
3) Jacket
0.100" Wall, Nom., Chlorinated Polyethylene (CPE)
0.630+/- 0.025
a) Color(s)
BLACK
b) Jacket Separator
Tissue Tape, 25% Overlap (min.)
c) Print
ALPHA WIRE-* P/N 1937/3 3C 12 AWG (3.29mm2)
(UL) C(UL) TYPE SOOW 90C 600V -40C FT2
CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.
Applicable Specifications
1) UL
SOOW
90°C Dry / 60°C Wet / 600 VRMS
2) CSA International
C(UL) FT2
C(UL) SOOW
90°C Dry / 60°C Wet / 600 VRMS
3) CE
EU Low Voltage Directive 2014/35/EC
Environmental


Similar Part No. - 1937/3

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1937/4 ALPHAWIRE-1937/4 Datasheet
98Kb / 4P
Customer Specification
12/12/2022
More results

Similar Description - 1937/3

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C21062101 GENERAL-C21062101 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 12, Conductor/Strands: 65/30
C1804 GENERAL-C1804 Datasheet
60Kb / 1P
2C 16 AWG (65/34) OFHC BC PP, PVC COMMAND SERIES
logo
Belden Inc.
6000UE BELDEN-6000UE Datasheet
263Kb / 2P
Security & Sound, 2 Conductor 12 AWG BC, CL2P
4002ULW BELDEN-4002ULW Datasheet
155Kb / 2P
Security & Sound, 4 Conductor 12 AWG BC, LSZH, Cca
12-20-2022
4309ULW BELDEN-4309ULW Datasheet
151Kb / 2P
Security & Sound, 12 Conductor 18 AWG BC, LSZH, Cca
01-19-2023
5001UE BELDEN-5001UE Datasheet
168Kb / 2P
Security & Sound, 3 Conductor 12 AWG BC, Riser
12-20-2022
5002UP BELDEN-5002UP Datasheet
141Kb / 2P
Audio Cable, 4 Conductor 12 AWG, BC, CL3
04-13-2023
6001UE BELDEN-6001UE Datasheet
168Kb / 2P
Security & Sound, 3 Conductor 12 AWG BC, Plenum
12-20-2022
6548PA BELDEN-6548PA Datasheet
180Kb / 2P
Security & Sound, 12 Pair 22 AWG, BC, CMP
12-20-2022
8812 BELDEN-8812 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
04-14-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com