Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6502 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA6502 Datasheet HTML 14Page - NXP Semiconductors TDA6502 Datasheet HTML 15Page - NXP Semiconductors TDA6502 Datasheet HTML 16Page - NXP Semiconductors TDA6502 Datasheet HTML 17Page - NXP Semiconductors TDA6502 Datasheet HTML 18Page - NXP Semiconductors TDA6502 Datasheet HTML 19Page - NXP Semiconductors TDA6502 Datasheet HTML 20Page - NXP Semiconductors TDA6502 Datasheet HTML 21Page - NXP Semiconductors TDA6502 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
2000 Mar 16
18
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
CHIP ENABLE/ADDRESS SELECTION INPUT: PIN CE/AS
VCE/AS(L)
LOW-level input voltage
0
−
1.5
V
VCE/AS(H)
HIGH-level input voltage
3
−
5.5
V
ICE/AS(H)
HIGH-level input current
VCE/AS = 5.5 V
−−
10
µA
ICE/AS(L)
LOW-level input current
VCE/AS =0V
−10
−−µA
CLOCK AND DATA INPUTS: PINS CL AND DA
VCL(L),
VDA(L)
LOW-level input voltage
0
−
1.5
V
VCL(H),
VDA(H)
HIGH-level input voltage
3
−
5.5
V
ICL(H), IDA(H) HIGH-level input current
VBUS = 5.5 V; VCC =0V
−−
10
µA
VBUS = 5.5 V; VCC = 5.5 V
−−
10
µA
ICL(L), IDA(L)
LOW-level input current
VBUS = 1.5 V; VCC =0V
−−
10
µA
VBUS =0V; VCC = 5.5 V
−10
−−µA
DATA OUTPUT: PIN DA (IN I2C-BUS MODE ONLY)
IDA(H)
HIGH-level output current
VDA = 5.5 V
−−
10
µA
VDA(H)
HIGH-level output voltage
IDA = 3 mA (sink current)
−−
0.4
V
CLOCK FREQUENCY (I2C-BUS MODE)
fclk
clock frequency
−−
400
kHz
CHARGE PUMP OUTPUT: PIN CP
I
CP(H)
HIGH-level input current
(absolute value)
CP = 1
−
280
−µA
I
CP(L)
LOW-level input current
(absolute value)
CP = 0
−
60
−µA
ICP(leak)
off-state leakage current
T2 = 0; T1 = 1
−15
−0.5
+15
nA
TUNING VOLTAGE OUTPUT: PIN VT
IVT(off)
leakage current when
switched-off
OS = 1; tuning supply is 33 V
−−
10
µA
VVT
output voltage when the loop
is closed
OS = 0; T2 = 0; T1 = 0; T0 = 1;
RL =27kΩ; tuning supply is 33 V
0.2
−
32.7
V
Mixer/oscillator part; VCC =5V; Tamb =25 oC; measurements related to the measurement circuit (see Fig.19)
VHF MIXER (INCLUDING IF PREAMPLIFIER)
fRF(o)
RF operational frequency
40
800
MHz
fRF
RF frequency
note 1
55.25
−
361.25
MHz
Gv
voltage gain
fRF = 57.5 MHz; see Fig.12
17.5
20
22.5
dB
fRF = 363.5 MHz; see Fig.12
17.5
20
22.5
dB
NF
noise figure
fRF = 50 MHz; see Figs 13 and 14
−
7.5
10
dB
fRF = 150 MHz; see Figs 13 and 14 −
7.5
10
dB
fRF = 300 MHz; see Fig.14
−
7.5
10
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com