Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6502 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA6502 Datasheet HTML 25Page - NXP Semiconductors TDA6502 Datasheet HTML 26Page - NXP Semiconductors TDA6502 Datasheet HTML 27Page - NXP Semiconductors TDA6502 Datasheet HTML 28Page - NXP Semiconductors TDA6502 Datasheet HTML 29Page - NXP Semiconductors TDA6502 Datasheet HTML 30Page - NXP Semiconductors TDA6502 Datasheet HTML 31Page - NXP Semiconductors TDA6502 Datasheet HTML 32Page - NXP Semiconductors TDA6502 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
2000 Mar 16
29
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
Table 13 Capacitors (all SMD and NP0)
Table 14 Resistors (all SMD)
Table 15 Diodes and ICs
Table 16 Coils (note 1)
Note
1. Wire size is 0.4 mm.
Table 17 Transformer (note 1)
Note
1. Coil type: TOKO 7kN; material: 113 kN; screw core:
03-0093; pot core: 04-0026.
Table 18 Crystal
COMPONENT
VALUE
C1
4.7 nF
C2
4.7 nF
C3
4.7 nF
C4
15 pF
C5
15 pF
C6
22 nF
C8
1.2 pF (N750)
C9
1.2 pF (N750)
C10
1.2 pF(N750)
C11
1.2 pF (N750)
C12
27 pF (N750)
C13
2 pF (N750)
C14
2 pF (N750)
C15
82 pF (N750)
C16
4.7 nF
C17
4.7 nF
C18
4.7 nF
C19
4.7 nF
C20
18 pF
C21
100 nF
C22
330 pF
C23
10 nF
C26
10
µF (16 V, electrolytic)
C27
10
µF (16 V, electrolytic)
COMPONENT
VALUE
R2
27
Ω
R3
22 k
Ω
R4
22 k
Ω
R5
22 k
Ω
R6
5.6
Ω
R7
10 k
Ω
R8
680
Ω
R9
3.9 k
Ω
R10
3.9 k
Ω
R11
27
Ω
R12
12 k
Ω
R13
22 k
Ω
R14
2.2 k
Ω
R15
330
Ω
R16
330
Ω
R17
330
Ω
R18
330
Ω
R19
330
Ω
R20
330
Ω
R21
330
Ω
R22
330
Ω
R24
68 k
Ω
R25
1 k
Ω
R26
6.8 k
Ω
COMPONENT
VALUE
D1
BB179
D2
BB178
D3
BA792
IC
TDA6502; TDA6502A
TDA6503; TDA6503A
COMPONENT
VALUE
L1
1.5 turns; diameter 1.5 mm
L2
2.5 turns; diameter 2.5 mm
L3
7.5 turns; diameter 3.0 mm
L5
2.5 turns; diameter 2.5 mm
COMPONENT
VALUE
L4
2 x 5 turns
COMPONENT
VALUE
Y1
4 MHz
COMPONENT
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com