Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6502 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDA6502 Datasheet HTML 32Page - NXP Semiconductors TDA6502 Datasheet HTML 33Page - NXP Semiconductors TDA6502 Datasheet HTML 34Page - NXP Semiconductors TDA6502 Datasheet HTML 35Page - NXP Semiconductors TDA6502 Datasheet HTML 36Page - NXP Semiconductors TDA6502 Datasheet HTML 37Page - NXP Semiconductors TDA6502 Datasheet HTML 38Page - NXP Semiconductors TDA6502 Datasheet HTML 39Page - NXP Semiconductors TDA6502 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
2000 Mar 16
36
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
Notes
1. The pin numbers in parenthesis represent the TDA6503 and TDA6503A.
2. Measured in circuit of Fig.19.
OSCGND
23
6
0.0 V
0.0 V
VHFOSCIB
22
7
1.8 V
−
VHFOSCOC
24
5
3.0 V
−
UHFOSCIB1
25
4
−
1.9 V
UHFOSCOC1
26
3
−
2.9 V
UHFOSCOC2
27
2
−
2.9 V
UHFOSCIB2
28
1
−
1.9 V
SYMBOL
PIN
DC VOLTAGE
(AVERAGE VALUE)(2)
EQUIVALENT CIRCUIT(1)
TDA6502;
TDA6502A
TDA6503;
TDA6503A
VHF
UHF
FCE593
23
(6)
FCE594
22
24
(7)
(5)
FCE595
25
26
28
27
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com