Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6502 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA6502
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA6502 Datasheet HTML 16Page - NXP Semiconductors TDA6502 Datasheet HTML 17Page - NXP Semiconductors TDA6502 Datasheet HTML 18Page - NXP Semiconductors TDA6502 Datasheet HTML 19Page - NXP Semiconductors TDA6502 Datasheet HTML 20Page - NXP Semiconductors TDA6502 Datasheet HTML 21Page - NXP Semiconductors TDA6502 Datasheet HTML 22Page - NXP Semiconductors TDA6502 Datasheet HTML 23Page - NXP Semiconductors TDA6502 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
2000 Mar 16
20
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
Notes
1. The RF frequency range is defined by the oscillator frequency range and the IF frequency.
2. This is the level of the RF signal (100% amplitude modulated with 11.89 kHz) that causes a 750 Hz frequency
deviation on the oscillator signal; it produces sidebands 30 dB below the level of the oscillator signal.
3. Limits are related to the tank circuits used in Fig.19; frequency bands may be adjusted by the choice of external
components.
Zi
input impedance (RS +jLSω)RS at fRF = 367.25 MHz; see Fig.8
−
26
−Ω
RS at fRF = 801.25 MHz; see Fig.8
−
28
−Ω
LS at fRF = 367.25 MHz; see Fig.8
−
8.5
−
nH
LS at fRF = 801.25 MHz; see Fig.8
−
8
−
nH
UHF OSCILLATOR
fOSC(o)
oscillator operational
frequency
300
1000
MHz
fOSC
oscillator frequency
note 3
413
−
847
MHz
∆f
OSC(V)
oscillator frequency variation
with supply voltage
∆VCC = 5%; note 4
−
35
−
kHz
∆VCC = 10%; note 4
−
100
−
kHz
∆f
OSC(T)
oscillator frequency variation
with temperature
∆T=25 °C; with compensation;
note 5
−
500
−
kHz
∆f
OSC(t)
oscillator frequency drift
5 s to 15 min after switching on;
note 6
−
120
−
kHz
Φ
OSC
phase noise, carrier-to-noise
sideband
±100 kHz frequency offset; worst
case in the frequency range
−
105
−
dBc/Hz
RSC
ripple susceptibility of VCC
(peak-to-peak value)
VCC = 5 V; worst case in the
frequency range; ripple frequency
500 kHz; note 7
15
30
−
mV
IF PREAMPLIFIER
IF
IF operational frequency
30
60
MHz
S22
output reflection coefficient
magnitude; see Fig.9
−−12.8
−
dB
phase; see Fig.9
−
0.2
−
degree
Zo
output impedance
(RS +jLSω)
RS at 43.5 MHz; see Fig.9
−
80
−Ω
LS at 43.5 MHz; see Fig.9
−
0.5
−
nH
REJECTION AT THE IF OUTPUT
INTdiv
level of divider interferences
in the IF signal
worst case; note 8
−
16
20
dB
µV
INTxtal
crystal oscillator
interferences rejection
VIF = 100 dBµV; worst case in the
frequency range; note 9
60
−−
dBc
INTref
reference frequency
rejection
VIF = 100 dBµV; worst case in the
frequency range; fREF = 62.5 kHz;
note 10
60
−−
dBc
INTch6
channel 6 beat
VRF(pix) =VRF(snd) =80dBµV;
note 11
tbf
54
−
dBc
INTchA-5
channel A-5 beat
VRF(pix) =80dBµV; note 12
tbf
60
−
dBc
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com